Electronic Components Datasheet Search
  English  ▼

X  

TPA751 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TPA751
Description  700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA751 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TPA751 Datasheet HTML 14Page - Texas Instruments TPA751 Datasheet HTML 15Page - Texas Instruments TPA751 Datasheet HTML 16Page - Texas Instruments TPA751 Datasheet HTML 17Page - Texas Instruments TPA751 Datasheet HTML 18Page - Texas Instruments TPA751 Datasheet HTML 19Page - Texas Instruments TPA751 Datasheet HTML 20Page - Texas Instruments TPA751 Datasheet HTML 21Page - Texas Instruments TPA751 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
TPA751
700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
WITH DIFFERENTIAL INPUTS
SLOS336C – DECEMBER 2000 – REVISED OCTOBER 2002
18
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
midrail bypass capacitor, CB
The midrail bypass capacitor, CB, is the most critical capacitor and serves several important functions. During
start-up or recovery from shutdown mode, CB determines the rate at which the amplifier starts up. The second
function is to reduce noise produced by the power supply caused by coupling into the output drive signal. This
noise is from the midrail generation circuit internal to the amplifier, which appears as degraded PSRR and
THD + N. The capacitor is fed from a 250-k
Ω source inside the amplifier. To keep the start-up pop as low as
possible, the relationship shown in equation 10 should be maintained. This insures the input capacitor is fully
charged before the bypass capacitor is fully charged and the amplifier starts up.
(10)
10
C
B
250 k
Ω
v
1
R
F )
R
I
C
I
As an example, consider a circuit where CB is 2.2 µF, CI is 0.47 µF, RF is 50 kΩ, and RI is 10 kΩ. Inserting these
values into the equation 10 we get:
18.2
v 35.5
which satisfies the rule. Bypass capacitor, CB, values of 0.1 µF to 2.2 µF ceramic or tantalum low-ESR capacitors
are recommended for the best THD and noise performance.
using low-ESR capacitors
Low-ESR capacitors are recommended throughout this applications section. A real (as opposed to ideal)
capacitor can be modeled simply as a resistor in series with an ideal capacitor. The voltage drop across this
resistor minimizes the beneficial effects of the capacitor in the circuit. The lower the equivalent value of this
resistance, the more the real capacitor behaves like an ideal capacitor.
5-V versus 3.3-V operation
The TPA751 operates over a supply range of 2.5 V to 5.5 V. This data sheet provides full specifications for 5-V
and 3.3-V operation, as these are considered to be the two most common standard voltages. There are no
special considerations for 3.3-V versus 5-V operation with respect to supply bypassing, gain setting, or stability.
The most important consideration is that of output power. Each amplifier in TPA751 can produce a maximum
voltage swing of VDD – 1 V. This means, for 3.3-V operation, clipping starts to occur when VO(PP) = 2.3 V as
opposed to VO(PP) = 4 V at 5 V. The reduced voltage swing subsequently reduces maximum output power into
an 8-
Ω load before distortion becomes significant.
Operation from 3.3-V supplies, as can be shown from the efficiency formula in equation 4, consumes
approximately two-thirds the supply power of operation from 5-V supplies for a given output-power level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com