Electronic Components Datasheet Search
  English  ▼

X  

TMS320LF2402A Datasheet(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320LF2402A
Description  DSP CONTROLLERS
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320LF2402A Datasheet(HTML) 48 Page - Texas Instruments

Back Button TMS320LF2402A Datasheet HTML 44Page - Texas Instruments TMS320LF2402A Datasheet HTML 45Page - Texas Instruments TMS320LF2402A Datasheet HTML 46Page - Texas Instruments TMS320LF2402A Datasheet HTML 47Page - Texas Instruments TMS320LF2402A Datasheet HTML 48Page - Texas Instruments TMS320LF2402A Datasheet HTML 49Page - Texas Instruments TMS320LF2402A Datasheet HTML 50Page - Texas Instruments TMS320LF2402A Datasheet HTML 51Page - Texas Instruments TMS320LF2402A Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 134 page
background image
TMS320LF2407A,TMS320LF2406A,TMS320LF2403A,TMS320LF2402A
TMS320LC2406A,TMS320LC2404A,TMS320LC2403A,TMS320LC2402A
DSP CONTROLLERS
SPRS145K − JULY 2000 − REVISED AUGUST 2005
48
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
PWM characteristics
Characteristics of the PWMs are as follows:
D 16-bit registers
D Programmable deadband for the PWM output pairs, from 0 to 12 µs
D Minimum deadband width of 25 ns
D Change of the PWM carrier frequency for PWM frequency wobbling as needed
D Change of the PWM pulse widths within and after each PWM period as needed
D External-maskable power and drive-protection interrupts
D Pulse-pattern-generator circuit, for programmable generation of asymmetric, symmetric, and four-space
vector PWM waveforms
D Minimized CPU overhead using auto-reload of the compare and period registers
D The PWM pins are driven to a high-impedance state when the PDPINTx pin is driven low and after PDPINTx
signal qualification. The PDPINTx pin (after qualification) is reflected in bit 8 of the COMCONx register.
−
PDPINTA pin status is reflected in bit 8 of COMCONA register.
−
PDPINTB pin status is reflected in bit 8 of COMCONB register.
capture unit
The capture unit provides a logging function for different events or transitions. The values of the selected GP
timer counter is captured and stored in the two-level-deep FIFO stacks when selected transitions are detected
on capture input pins, CAPx (x = 1, 2, or 3 for EVA; and x = 4, 5, or 6 for EVB). The capture unit consists of three
capture circuits.
Capture units include the following features:
D One 16-bit capture control register, CAPCONx (R/W)
D One 16-bit capture FIFO status register, CAPFIFOx
D Selection of GP timer 1/2 (for EVA) or 3/4 (for EVB) as the time base
D Three 16-bit 2-level-deep FIFO stacks, one for each capture unit
D Three capture input pins (CAP1/2/3 for EVA, CAP4/5/6 for EVB)—one input pin per capture unit. [All inputs
are synchronized with the device (CPU) clock. In order for a transition to be captured, the input must hold
at its current level to meet two rising edges of the device clock. The input pins CAP1/2 and CAP4/5 can also
be used as QEP inputs to the QEP circuit.]
D User-specified transition (rising edge, falling edge, or both edges) detection
D Three maskable interrupt flags, one for each capture unit
quadrature-encoder pulse (QEP) circuit
Two capture inputs (CAP1 and CAP2 for EVA; CAP4 and CAP5 for EVB) can be used to interface the on-chip
QEP circuit with a quadrature encoder pulse. Full synchronization of these inputs is performed on-chip.
Direction or leading-quadrature pulse sequence is detected, and GP timer 2/4 is incremented or decremented
by the rising and falling edges of the two input signals (four times the frequency of either input pulse).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com