Electronic Components Datasheet Search
  English  ▼

X  

LS1012A Datasheet(PDF) 1 Page - NXP Semiconductors

Part # LS1012A
Description  Enterprise-class security and packet acceleration in a 1 W typical power processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1012A Datasheet(HTML) 1 Page - NXP Semiconductors

  LS1012A Datasheet HTML 1Page - NXP Semiconductors LS1012A Datasheet HTML 2Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Enterprise-class
security and packet
acceleration in a
1 W typical power
processor
The QorIQ LS1012A processor provides intelligent integration and extreme power
efficiency in a small 9.6 x 9.6 mm package for fanless, small form factor networking
and IoT applications.
QorIQ LS1012A Processor
TARGET APPLICATIONS
}
Trust-enabled IoT gateways
}
Consumer NAS
}
Mobile NAS (battery powered)
}
Ethernet drives for data center center storage
}
Entry-level broadband Ethernet gateways
}
Building and factory automation
Incorporating a 64-bit ARM® Cortex®-A53 core, the QorIQ
LS1012A processor delivers CoreMark™ performance of over
2,000 as well as hardware acceleration for packet processing
and security, and the best overall performance of any
1 W typical power communications processor.
CORE COMPLEX
The QorIQ LS1012A processor integrates a single ARM
Cortex-A53 core running up to 800 MHz with ECC-protected
L1 and L2 caches and incorporates the same trust architecture
and software compatibility of higher-tier QorIQ LS family
devices. The LS1012A processor features 32 KB of L1
instruction and data cache and 256 KB of coherent L2 cache.
In addition, the Cortex-A53 core features the NEON™ SimD
module and dual-precision floating point unit (FPU). The
memory controller supports 16-bit DDR3L memory devices
at 1000 MHz.
SYSTEM INTERFACES AND NETWORKING
The QorIQ LS1012A processor features a three-lane, 6 GHz
multi-protocol SerDes that provides support for high-speed
interfaces, including up to two Gigabit Ethernet ports,
DMA-controlled PCI Express® generation 2.0 port, and one
SATA 3.0 port. The LS1012A processor also features dual
USB controllers—one supporting SuperSpeed USB 3.0 with
integrated PHY, the other supporting USB 2.0 functions.
Additional interfaces include QuadSPI and support for
SD/MMC.


Similar Part No. - LS1012A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LS1012ARDBFS NXP-LS1012ARDBFS Datasheet
282Kb / 2P
QorIQ LS Processor Family
2014
More results

Similar Description - LS1012A

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM5823 BOARDCOM-BCM5823 Datasheet
121Kb / 1P
SECURITY PROCESSOR
logo
Motorola, Inc
MPC185 MOTOROLA-MPC185 Datasheet
227Kb / 12P
Security Processor
MPC180 MOTOROLA-MPC180 Datasheet
30Kb / 8P
MPC180 Security Processor
logo
Freescale Semiconductor...
P3041NSE1NNB FREESCALE-P3041NSE1NNB Datasheet
774Kb / 9P
Integrated access routers, Enterprise switching, Security gateways
logo
List of Unclassifed Man...
UP-2010 ETC2-UP-2010 Datasheet
685Kb / 4P
Enterprise Network Security Appliance with High-density Ports and PoE
HA10 ETC2-HA10 Datasheet
426Kb / 2P
Uncompromising enterprise-class reliability and quality
logo
Broadcom Corporation.
BCM5802 BOARDCOM-BCM5802 Datasheet
594Kb / 50P
Single-Chip Security Processor
BCM5812 BOARDCOM-BCM5812 Datasheet
943Kb / 84P
Security Processor
logo
Microchip Technology
EEC1005 MICROCHIP-EEC1005 Datasheet
820Kb / 56P
Enterprise Storage Backplane Management Processor
05/14/19
logo
Advantech Co., Ltd.
FWA-6080 ADVANTECH-FWA-6080 Datasheet
1Mb / 2P
High Core Density 2U Network Appliance with Security and Acceleration Features Ready
15-Mar-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com