Electronic Components Datasheet Search
  English  ▼

X  

TMP101NA Datasheet(PDF) 4 Page - Texas Instruments

Part # TMP101NA
Description  Digital Temperature Sensor with I2C Interface
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP101NA Datasheet(HTML) 4 Page - Texas Instruments

  TMP101NA Datasheet HTML 1Page - Texas Instruments TMP101NA Datasheet HTML 2Page - Texas Instruments TMP101NA Datasheet HTML 3Page - Texas Instruments TMP101NA Datasheet HTML 4Page - Texas Instruments TMP101NA Datasheet HTML 5Page - Texas Instruments TMP101NA Datasheet HTML 6Page - Texas Instruments TMP101NA Datasheet HTML 7Page - Texas Instruments TMP101NA Datasheet HTML 8Page - Texas Instruments TMP101NA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TMP100, 101
4
SBOS231C
www.ti.com
TYPICAL CHARACTERISTICS
At TA = +25°C, V+ = 5.0V, unless otherwise noted.
70
60
50
40
30
QUIESCENT CURRENT vs TEMPERATURE
Temperature (
°C)
–60
–40
–20
0
20
40
60
80
100
120
140
Serial Bus Inactive
V+ = 5V
V+ = 2.7V
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.0
–0.1
SHUTDOWN CURRENT vs TEMPERATURE
Temperature (
°C)
–60
–40
–20
0
20
40
60
80
100
120
140
400
350
300
250
CONVERSION TIME vs TEMPERATURE
Temperature (
°C)
–60
–40
–20
0
20
40
60
80
100
120
140
V+ = 5V
V+ = 2.7V
NOTE: 12-bit resolution.
2.0
1.5
1.0
0.5
0.0
–0.5
–1.0
–1.5
–2.0
TEMPERATURE ACCURACY vs TEMPERATURE
Temperature (
°C)
–60
–40
–20
0
20
40
60
80
100
120
140
3 Typical Units
NOTE: 12-bit resolution.
180
160
140
120
100
80
60
40
20
0
QUIESCENT CURRENT WITH
BUS ACTIVITY vs TEMPERATURE
SCL Frequency (Hz)
10k
100k
1M
10M
125
°C
FAST MODE
Hs MODE
–55
°C
–55
°C
125
°C
25
°C
25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com