Electronic Components Datasheet Search
  English  ▼

X  

TPS2085 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2085
Description  POWER DISTRIBUTION SWITCHES
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2085 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS2085 Datasheet HTML 9Page - Texas Instruments TPS2085 Datasheet HTML 10Page - Texas Instruments TPS2085 Datasheet HTML 11Page - Texas Instruments TPS2085 Datasheet HTML 12Page - Texas Instruments TPS2085 Datasheet HTML 13Page - Texas Instruments TPS2085 Datasheet HTML 14Page - Texas Instruments TPS2085 Datasheet HTML 15Page - Texas Instruments TPS2085 Datasheet HTML 16Page - Texas Instruments TPS2085 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
TPS2080, TPS2081, TPS2082 DUAL,
TPS2085, TPS2086, TPS2087 QUAD
POWERDISTRIBUTION SWITCHES
SLVS202A − SEPTEMBER 2000 − REVISED MARCH 2001
13
WWW.TI.COM
TYPICAL CHARACTERISTICS
Figure 20
0.6
0.7
0.8
0.9
1
1.1
1.2
−40
0
25
85
125
VI(IN) = 5.5 V
VI(IN) = 5 V
VI(IN) = 4.5 V
VI(IN) = 2.7 V
VI(IN) = 3.3 V
SHORT-CIRCUIT OUTPUT CURRENT
vs
JUNCTION TEMPERATURE
TJ − Junction Temperature − °C
Figure 21
1
1.04
1.08
1.12
1.16
1.2
2.5
3
3.5
4
4.5
5
5.5
6
THRESHOLD TRIP CURRENT
vs
INPUT VOLTAGE
VI − Input Voltage − V
TA = 25°C
Load Ramp = 1 A/10 ms
Figure 22
2.1
2.15
2.2
2.25
2.3
2.35
−40
0
25
85
125
Start Threshold
Stop Threshold
UNDERVOLTAGE LOCKOUT
vs
JUNCTION TEMPERATURE
TJ − Junction Temperature − °C
Figure 23
0
50
100
150
200
250
0
2.5
5
7.5
10
12.5
Peak Current − A
CURRENT LIMIT RESPONSE
vs
PEAK CURRENT
VI(IN) = 5 V
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com