Electronic Components Datasheet Search
  English  ▼

X  

TPS2228 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS2228
Description  PC CARD POWER-INTERFACE SWITCH FOR PCMCIA CONTROLLERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2228 Datasheet(HTML) 2 Page - Texas Instruments

  TPS2228 Datasheet HTML 1Page - Texas Instruments TPS2228 Datasheet HTML 2Page - Texas Instruments TPS2228 Datasheet HTML 3Page - Texas Instruments TPS2228 Datasheet HTML 4Page - Texas Instruments TPS2228 Datasheet HTML 5Page - Texas Instruments TPS2228 Datasheet HTML 6Page - Texas Instruments TPS2228 Datasheet HTML 7Page - Texas Instruments TPS2228 Datasheet HTML 8Page - Texas Instruments TPS2228 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
TPS2228
TPS2221
SLVS419A – MAY 2002 REVISED SEPTEMBER 2002
www.ti.com
2
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
TPS2228,TPS2221
VI(3.3VIN)
–0.3 V to 6 V
Input voltage range for card power
VI(5VIN)
–0.3 V to 6 V
In ut voltage range for card ower
VI(1.8VIN)
–0.3 V to 6 V
Logic input/output voltage
–0.3 V to 6 V
Output voltage range
VO(XVCC)
–0.3 V to 6 V
Output voltage range
VO(XVPP/VCORE)
–0.3 V to 6 V
Continuous total power dissipation
See Dissipation Rating Table
Output current
IO(XVCC)
InternallyLimited
Output current
IO(XVPP/VCORE)
InternallyLimited
Operating virtual junction temperature range, TJ
–40
°C to 100°C
Storage temperature range, Tstg
–55
°C to 150°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
OC sink current
10 mA
(1) Stressesbeyondthoselistedunder“absolutemaximumratings”maycausepermanentdamagetothedevice.Thesearestressratingsonly,and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
DISSIPATION RATINGS TABLE (THERMAL RESISTANCE =
°C/W)(1)
PACKAGE(2)
DERATING FACTOR ABOVE
TA = 25°C
TA ≤ 25°C POWER
RATING
TA = 70°C POWER
RATING
TA = 85°C POWER
RATING
20-PWP
30.67 mW/
°C
2300 mW
920.25 mW
460.12 mW
14-PWP
26.67 mW/
°C
2000 mW
800 mW
400 mW
DB-30
10.95 mW/
°C
821.47 mW
328.59 mW
164.3 mW
(1) Reference Calculating Junction Temperaturein the application information section of this data sheet.
(2) These devices are mounted on an JEDEC low-k board (2 oz. traces on surface) (Based on the maximum recommended junction temperature
of 100
°C)
RECOMMENDED OPERATING CONDITIONS
MIN
MAX
UNIT
Input voltage, VI
VI(3.3VIN)
3.0
3.6
V
Input voltage, VI
3.3VIN is required for all circuit operations.
VI(5VIN)
2.7
5.5
V
3.3VIN is required for all circuit o erations.
5VIN and 1.8VIN are only required for their respective functions.
VI(1.8VIN)
1.7
1.9
V
IO(XVCC) at TJ =100°C
1
A
Output current
IO(XVPP/VCORE) when switched to 5VIN
at TJ =100°C
100
mA
Out ut current
IO(XVPP/VCORE) when switched to 3.3VIN or
1.8VIN at TJ =100°C
500
mA
Clock frequency
2.5
MHz
Data
200
ns
Pulse duration
Latch
250
ns
Clock
100
ns
Reset
100
ns
Data to clock hold time (Figure 2)
100
ns
Data to clock setup time (Figure 2)
100
ns
Latch delay time (Figure 2)
100
ns
Clock delay time (Figure 2)
250
ns
Operating virtual junction temperature, TJ (maximum to be calculated at worst case PD at 85°C ambient)
–40
100
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com