Electronic Components Datasheet Search
  English  ▼

X  

HV823LG-G Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV823LG-G
Description  High Voltage EL Lamp Driver IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV823LG-G Datasheet(HTML) 2 Page - Supertex, Inc

  HV823LG-G Datasheet HTML 1Page - Supertex, Inc HV823LG-G Datasheet HTML 2Page - Supertex, Inc HV823LG-G Datasheet HTML 3Page - Supertex, Inc HV823LG-G Datasheet HTML 4Page - Supertex, Inc HV823LG-G Datasheet HTML 5Page - Supertex, Inc HV823LG-G Datasheet HTML 6Page - Supertex, Inc HV823LG-G Datasheet HTML 7Page - Supertex, Inc HV823LG-G Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Doc. # DSFP-HV823
C082213
Supertex inc.
www.supertex.com
HV823
Absolute Maximum Ratings
Parameter
Value
Supply voltage, V
DD
-0.5 to +10V
Output voltage, V
CS
-0.5 to +120V
Power dissipation
400mW
Storage temperature
-65OC to +150OC
Operating temperature
-25OC to +85OC
Stresses beyond those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in
the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability. All
voltages referenced to ground.
Note: All voltages referenced to GND.
Recommended Operating Conditions
Sym
Parameter
Min
Typ
Max
Unit
Conditions
V
DD
Supply voltage
2.0
-
9.5
V
---
T
A
Operating temperature
-25
-
+85
O
C
---
DC Electrical Characteristics (V
IN = 3.0V, RSW = 750KΩ, REL = 2.0MΩ, TA = 25°C unless otherwise specified)
Sym
Parameter
Min
Typ
Max
Unit
Conditions
R
DS(ON)
On resistance of switching transistor
-
2.0
6.0
Ω
I = 100mA
V
CS
Output voltage V
CS regulation
80
90
100
V
V
IN = 2.0V to 9.5V
V
A - VB
Output peak-to-peak voltage
160
180
200
V
V
IN = 2.0V to 9.5V
I
DDQ
Quiescent V
DD supply current, disabled
-
30
100
nA
R
SW-OSC = Low
I
DD
V
DD supply current
-
150
200
µA
V
IN = 3.0V. See Fig.1
-
-
300
µA
V
IN = 5.0V. See Fig.2
-
-
500
µA
V
IN = 9.0V. See Fig.3
I
IN
Input current including inductor current
-
25
33
mA
V
IN = 3.0V. See Fig.1
V
CS
Output voltage on V
CS
60
70
85
V
V
IN = 3.0V. See Fig.1
f
EL
V
A - VB output drive frequency
330
380
450
Hz
V
IN = 3.0V. See Fig.1
f
SW
Inductor switching frequency
50
60
70
KHz
V
IN = 3.0V. See Fig.1
D
Switching transistor duty cycle
-
88
-
%
---
Pin Configuration
1
2
3
4
8
7
6
5
VDD
RSW-Osc
CS
LX
REL-Osc
VA
VB
GND
Product Marking
Y = Last Digit of Year Sealed
WW = Week Sealed
L = Lot Number
= “Green” Packaging
YWW
HV823
LLLL
8-Lead SOIC
8-Lead SOIC
(top view)
Package may or may not include the following marks: Si or
Ordering Information
Part Number
Package
Packing
HV823LG-G
8-Lead SOIC
2500/Reel
Typical Thermal Resistance
Package
θ
ja
8-Lead SOIC
101OC/W
-G denotes a lead (Pb)-free / RoHS compliant package



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com