Electronic Components Datasheet Search
  English  ▼

X  

TPS40130 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40130
Description  TWO-PHASE, SYNCHRONOUS BUCK CONTROLLER WITH INTEGRATED MOSFET DRIVERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40130 Datasheet(HTML) 2 Page - Texas Instruments

  TPS40130 Datasheet HTML 1Page - Texas Instruments TPS40130 Datasheet HTML 2Page - Texas Instruments TPS40130 Datasheet HTML 3Page - Texas Instruments TPS40130 Datasheet HTML 4Page - Texas Instruments TPS40130 Datasheet HTML 5Page - Texas Instruments TPS40130 Datasheet HTML 6Page - Texas Instruments TPS40130 Datasheet HTML 7Page - Texas Instruments TPS40130 Datasheet HTML 8Page - Texas Instruments TPS40130 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.ti.com
SIMPLIFIED APPLICATION DIAGRAM
1
2
3
4
30
29
28
27
PGND
LDRV2
SW2
HDRV2
LDRV1
VIN5
SW1
HDRV1
TPS40130DBT
5
6
7
8
BOOT1
OVSET
VOUT
GSNS
9
10
11
DIFFO
CS1
CSRT1
12
13
14
15
COMP
VREF
DROOP
FB
26
25
24
23
BOOT2
SS
UVLO
BP5
22
21
20
19
AGND
CS2
CSRT2
RT
18
17
16
PGOOD
ILIM
EN/SYNC
5 V
5 V
5 V
DIFFO
LOAD
UDG−04017
VOUT
VIN
VIN
VIN
VREF
VOUT
TPS40130
SLUS602–JUNE 2004–REVISED AUGUST 2004
These devices have limited built-in ESD protection. The leads should be shorted together or the device
placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
TA
PACKAGE
PART NUMBER
-40°Cto85°C
Plastic TSSOP(DBT)(1)
TPS40130DBT
(1) The DBTpackage is also available taped and reeled. Add an R
suffix to the device type (i.e., TPS40130DBTR).
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com