| Electronic Components Datasheet Search |
|
PCMF2HDMI2SZ Datasheet(PDF) 3 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCMF2HDMI2SZ Datasheet(HTML) 3 Page - NXP Semiconductors |
|
3 / 20 page ![]() PCMFXHDMI2S_SER All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2016. All rights reserved. Product data sheet Rev. 2 — 19 April 2016 3 of 20 NXP Semiconductors PCMFXHDMI2S series Common-mode EMI filter for differential channels with ESD protection 3. Ordering information 4. Marking 5. Limiting values Table 3. Ordering information Type number Package Name Description Version PCMF1HDMI2S WLCSP5 wafer level chip-size package; 5 bumps (2-1-2) PCMF1HDMI2S PCMF2HDMI2S WLCSP10 wafer level chip-size package; 10 bumps (4-2-4) PCMF2HDMI2S PCMF3HDMI2S WLCSP15 wafer level chip-size package; 15 bumps (6-3-6) PCMF3HDMI2S Table 4. Marking codes Type number Marking code PCMF1HDMI2S PF1S PCMF2HDMI2S PF2S PCMF3HDMI2S PF3S Table 5. Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Symbol Parameter Conditions Min Max Unit VI input voltage 0.5 5 V VESD electrostatic discharge voltage IEC 61000-4-2, level 4; all input pins to ground contact discharge 15 15 kV air discharge 15 15 kV IEC 61000-4-2, level 4; all output pins to ground contact discharge 22 kV air discharge 22 kV IPPM rated peak pulse current tp =8/20 s 77 A Tstg storage temperature 40 +125 C Tamb ambient temperature 40 +85 C |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |