Electronic Components Datasheet Search
  English  ▼

X  

PAM2803 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # PAM2803
Description  3W HIGH POWER WHITE LED DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM2803 Datasheet(HTML) 7 Page - Diodes Incorporated

  PAM2803 Datasheet HTML 1Page - Diodes Incorporated PAM2803 Datasheet HTML 2Page - Diodes Incorporated PAM2803 Datasheet HTML 3Page - Diodes Incorporated PAM2803 Datasheet HTML 4Page - Diodes Incorporated PAM2803 Datasheet HTML 5Page - Diodes Incorporated PAM2803 Datasheet HTML 6Page - Diodes Incorporated PAM2803 Datasheet HTML 7Page - Diodes Incorporated PAM2803 Datasheet HTML 8Page - Diodes Incorporated PAM2803 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
PAM2803
Document number: DS36400 Rev. 2 - 2
7 of 9
www.diodes.com
December 2014
© Diodes Incorporated
PAM2803
A Product Line of
Diodes Incorporated
Ordering Information
PAM2803 X X X X
Pin Configuration
F: 6
A Type:
1. SW
2. GND
3. FB
4. SHDN
5. VOUT
6. VIN
A: SOT23-6
Package Type
Number of Pins
FB Voltage
095: 95mV
Part Number
Marking
Package Type
Standard Package
PAM2803AAF095
Refer to Marking
Information Below
SOT23-6
3,000 Units/Tape&Reel
Marking Information



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com