Electronic Components Datasheet Search
  English  ▼

X  

452 Datasheet(PDF) 2 Page - 3M Electronics

Part # 452
Description  Ribbon Cable Wiremount Socket Assembly
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

452 Datasheet(HTML) 2 Page - 3M Electronics

  452 Datasheet HTML 1Page - 3M Electronics 452 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Important Notice
All statements, technical information, and recommendations related to 3M’s products are based on information believed to be reliable, but the accuracy or completeness is not
guaranteed. Before using this product, you must evaluate it and determine if it is suitable for your intended application. You assume all risks and liability associated with such
use. Any statements related to the product which are not contained in 3M’s current publications, or any contrary statements contained on your purchase order shall have no
force or effect unless expressly agreed upon, in writing, by an authorized officer of 3M.
Warranty; Limited Remedy; Limited Liability.
This product will be free from defects in material and manufacture for a period of one year from the time of purchase.
3M MAKES NO OTHER WARRANTIES INCLUDING, BUT
NOT LIMITED TO, ANY IMPLIED WARRANTY OF MERCHANTABILITY OR FITNESS FOR A PARTICULAR PURPOSE. If this product is defective within the warranty period
stated above, your exclusive remedy shall be, at 3M’s option, to replace or repair the 3M product or refund the purchase price of the 3M product. Except where prohibited by law,
3M will not be liable for any indirect, special, incidental or consequential loss or damage arising from this 3M product, regardless of the legal theory asserted.
3M is a trademark of 3M Company.
3
Electronic Solutions Division
Interconnect Products
6801 River Place Blvd.
Austin, TX 78726-9000
1-800-225-5373
www.3Mconnectors.com
Please recycle. Printed in USA
© 3M 2013. All rights reserved.
80-4000-7034-0
Related Products
3M™ Ribbon Cable Wiremount Socket Assembly, 451 Series
3M™ Shrouded Boardmount Headers, 452 Series
3M™ Round Conductor Flat Cable,
3447 Series, PVC Jacketed, 30
AWG,Tinned Copper, 20 to 100
Solid Conductor Cable
3M™ Round Conductor Flat Cable,
3609 Series, FEP Jacketed, 30
AWG, Silver Plated, 20 to 100 Solid
Conductor Cable. For extreme
temperature requirements.
3M™ Round Conductor Flat Cable,
3754 Series, PVC Jacketed, 30 AWG,
Tin Plated, 20 to 100
Stranded Conductor Cable
3M™ Standard Assembly Press,
Model 3640 and 3M™ Locator Plate
3443-82-XX
Product Specifications
451 & 452 Series
Current Rating
1.0 A, all lines energized, 30°C temp rise per EIA 364-70
1.5 A, 6 lines energized, 30°C temp rise per EIA 364-70
2.5 A, 1 line energized, 30°C temp rise per EIA 364-70
Voltage Rating
125V min
Insulation Resistance
> 1 x 109 Ohms at 500 VDC
Withstanding Voltage
1250 VACrms at sea level
Operating Temperature
-65°C to +105°C
Processing Temperature
260°C
Lead-Free Solderable
Yes
Moisture Sensitivity Level
MSL1 per J-STD-020



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com