Electronic Components Datasheet Search
  English  ▼

X  

35RED Datasheet(PDF) 1 Page - 3M Electronics

Part # 35RED
Description  Vinyl Electrical Tape 35
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

35RED Datasheet(HTML) 1 Page - 3M Electronics

  35RED Datasheet HTML 1Page - 3M Electronics 35RED Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Vinyl Electrical Tape 35
Data Sheet
July 2011
Description
Scotch
® Vinyl Electrical Tape 35 is a 7 mil (0,178 mm) polyvinyl chloride (PVC) color-
coding tape. Outstanding electrical and mechanical properties make this tape excellent
for use in phase identification, color coding of motor leads and piping systems, and for
marking safety areas. Scotch
® Tape 35 operates over a wide range of temperatures –
up to 221°F (105°C); applies smoothly and conforms well above 32°F (0°C). This tape is
available in nine fade resistant colors.
Agency
Approvals & Self
Certifications
UL Listed - UL 510 Standard “Insulating Tape” (product category OANZ), File E129200;
meets UL 510 labeling for “flame-retardant” for vinyl electrical tape.
CSA Certification; Standard. C22.2 No. 197-M1983 “PVC Insulating Tape,” File LR
48769.
RoHS 2002/95/EC
RoHS Compliant 2002/95/EC” means that the product or part (“Product”) does not contain any of the
substances in excess of the maximum concentration values in EU Directive 2002/95/EC, as amended by
Commission Decision 2005/618/EC, unless the substance is in an application that is exempt under RoHS. This
information represents 3M’s knowledge and belief, which may be based in whole or in part on information
provided by third party suppliers to 3M.
Applications
 Color coding for phase identification, job identification and safety
 Insulating electrical wiring
 Protecting electrical conductors, motor leads and piping from moisture, alkalis, acids,
corrosion, abrasion and weather
Installation
 Apply in half-lapped layers with sufficient tension to conform and produce a uniform
covering. In most applications, this tension will reduce the tape width to approximately
60% of its original width.
 On a pigtail splice, wrap the tape beyond the end of the wire and then fold back and
over-wrap, leaving a protective cushion to resist cut-through.
 Wrap uphill, taping from a smaller diameter to a larger diameter surface. Apply the
tape with no tension on the last wrap to prevent flagging.
Specifications
Scotch
® Tape 35 is based on polyvinyl chloride (PVC) and/or its copolymers and has a
rubber-based, pressure-sensitive adhesive. The tape shall be 7 mils thick, and be UL
Listed and marked per UL Standard 510 as “Flame-Retardant.” The tape shall be
compatible with synthetic cable insulations, jackets and splicing compounds. The tape
will remain stable and will not telescope more than 0.1 inches when maintained at
temperatures below 122°F (50°C).
1 of 2
3


Similar Part No. - 35RED

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
35R THINKISEMI-35R Datasheet
1Mb / 3P
35 Ampere Standard Type Block Rectifier Diodes for Automotive Alternators
logo
Switchcraft, Inc.
35RASMT2BHNTRX SWITCH-35RASMT2BHNTRX Datasheet
100Kb / 2P
3.5MM PHONE JACK SURFACE MOUNT
13-JAN-06
35RASMT4B SWITCH-35RASMT4B Datasheet
108Kb / 2P
3.5MM PHONE JACK SURFACE MOUNT, ROHS
35RASMT4BHNTRX SWITCH-35RASMT4BHNTRX Datasheet
108Kb / 2P
3.5MM PHONE JACK SURFACE MOUNT, ROHS
logo
VINATech Co.,Ltd.
35RHV100MD11 VINATECH-35RHV100MD11 Datasheet
927Kb / 2P
High Voltage, High Capacitance Low ESR, High ripple current Load life of 5,000h at 105°C
More results

Similar Description - 35RED

ManufacturerPart #DatasheetDescription
logo
3M Electronics
1400 3M-1400 Datasheet
37Kb / 2P
Economy Vinyl Electrical Tape 1400
Feb-2010
1700 3M-1700 Datasheet
30Kb / 2P
3M Temflex Vinyl Electrical Tape 1700
Nov-2011
SUPER33 3M-SUPER33 Datasheet
32Kb / 3P
Vinyl Electrical Tape
Rev D
TAPE22 3M-TAPE22 Datasheet
30Kb / 4P
Heavy Duty Vinyl Electrical Tape 22
Rev D
TAPE35 3M-TAPE35_17 Datasheet
45Kb / 2P
Vinyl Electrical Tape 35
Rev F
TAPE88 3M-TAPE88 Datasheet
53Kb / 3P
Vinyl Electrical Tape Super 88
Jul-2011
TEMFLEX1300 3M-TEMFLEX1300 Datasheet
88Kb / 2P
Vinyl Electrical Tape
66R 3M-66R Datasheet
33Kb / 3P
Scotch® Vinyl Electrical Tape 66R
Dec-2011
175 3M-175 Datasheet
127Kb / 2P
3M Temflex Vinyl Electrical Tape 175
Rev C
165 3M-165 Datasheet
127Kb / 2P
Vinyl Electrical Tape 165
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com