Electronic Components Datasheet Search
  English  ▼

X  

TPS62050DGS Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62050DGS
Description  800-mA SYNCHRONOUS STEP-DOWN CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62050DGS Datasheet(HTML) 3 Page - Texas Instruments

  TPS62050DGS Datasheet HTML 1Page - Texas Instruments TPS62050DGS Datasheet HTML 2Page - Texas Instruments TPS62050DGS Datasheet HTML 3Page - Texas Instruments TPS62050DGS Datasheet HTML 4Page - Texas Instruments TPS62050DGS Datasheet HTML 5Page - Texas Instruments TPS62050DGS Datasheet HTML 6Page - Texas Instruments TPS62050DGS Datasheet HTML 7Page - Texas Instruments TPS62050DGS Datasheet HTML 8Page - Texas Instruments TPS62050DGS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
www.ti.com
TPS62050, TPS62051
TPS62052, TPS62054, TPS62056
SLVS432D – SEPTEMBER 2002 – REVISED OCTOBER 2003
ELECTRICAL CHARACTERISTICS
V
I =7.2 V, VO = 3.3 V, IO = 300 mA, EN = VI, TA =-40°C to 85°C unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
VI
Input voltage range
2.7
10
V
IO = 0 mA, SYNC = GND,
I(Q)
Operating quiescent current
12
20
µA
VI = 7.2 V
EN = GND
1.5
5
I(SD)
Shutdown current
µA
EN = GND, TA=25°C
1.5
3
Quiescent current with enhanced LBI
EN = VI, LBI=GND,
IQ(LBI)
5
µA
comparator version.
TPS62051 only
ENABLE
VIH
EN high level input voltage
1.3
V
VIL
EN low level input voltage
0.3
V
EN trip point hysteresis
100
mV
Ilkg
EN input leakage current
EN = GND or VIN, VI=7.2 V
0.01
0.2
µA
I(EN)
EN input current
0.6 V
≤ V
(EN)≤ 4 V
2
µA
V(UVLO)
Undervoltage lockout threshold
1.6
V
POWER SWITCH
VI ≥ 5.4 V; IO = 300 mA
400
650
rDS(on)
P-channel MOSFET on-resistance
m
Ω
VI = 2.7 V; IO = 300 mA
600
850
P-channel MOSFET leakage current
VDS = 10 V
1
µA
P-channel MOSFET current limit
VI = 7.2V, VO = 3.3 V
1000
1200
1400
mA
VI ≥ 5.4 V; IO = 300 mA
300
450
rDS(on)
N-channel MOSFET on-resistance
m
Ω
VI = 2.7 V; IO = 300 mA
450
550
N-channel MOSFET leakage current
VDS = 6 V
1
µA
POWER GOOD OUTPUT, LBI, LBO
V(PG)
Power good trip voltage
Vml -2%
V
VO ramping positive
50
µs
Power good delay time
VO ramping negative
200
V(FB) = 0.8 x VO nominal,
VOL
PG, LBO output low voltage
0.3
V
I(sink) = 1 mA
V(FB) = VO nominal,
PG, LBO output leakage current
0.01
0.25
µA
V(LBI) = VI
Minimum supply voltage for valid power
2.3
V
good, LBO signal
V(LBI)
Low battery input trip voltage
Input voltage falling
1.21
V
Low battery input trip point accuracy
1.5%
V(LBI,HYS)
Low battery input hysteresis
15
mV
Ilkg(LBI)
LBI leakage current
0.01
0.1
µA
OSCILLATOR
fS
Oscillator frequency
600
850
1000
kHz
f(SYNC)
Synchronization range
600
1200
kHz
VIH
SYNC high level input voltage
1.5
V
VIL
SYNC low level input voltage
0.3
V
Ilkg
SYNC input leakage current
SYNC = GND or VIN
0.01
0.1
µA
SYNC trip point hysteresis
100
mV
Duty cycle of external clock signal
20%
90%
OUTPUT
Adjustable output voltage
TPS62050,
VO
0.7
6.0
V
range
TPS62051
TPS62050,
V(FB)
Feedback voltage
0.5
V
TPS62051
TPS62050,
FB leakage current
0.02
0.1
µA
TPS62051
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com