Electronic Components Datasheet Search
  English  ▼

X  

35GREEN Datasheet(PDF) 2 Page - 3M Electronics

Part # 35GREEN
Description  Vinyl Electrical Tape 35
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

35GREEN Datasheet(HTML) 2 Page - 3M Electronics

  35GREEN Datasheet HTML 1Page - 3M Electronics 35GREEN Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Scotch® Vinyl Electrical Tape 35
2 of 2
Typical
Properties
Not for specifications. Values are typical, not to be considered minimum or maximum.
Properties measured at room temperature 73°F (23°C) unless otherwise stated.
Physical Property
(ASTM D1000, unless noted)
Typical Value
US units (metric)
Color(s)
Blue, Brown, Gray, Green, Orange, Red,
Violet, White, Yellow
Adhesive
Pressure-sensitive rubber
Thickness
7 mils (0,178 mm)
Continuous Operating Temperature (max)
221ºF (105ºC)
Breaking Strength
17 lb/in (30,3 N/10 mm)
Elongation (% at break)
225%
Adhesion to Steel
20 oz/in (2,2 N/10 mm)
Adhesion to Backing
20 oz/in (2,2 N/10 mm)
Flagging
0.1 in (2,5 mm)
Electrical Property
(ASTM D1000, unless noted)
Typical Value
US units (metric)
Voltage Rating (UL 510)
600 volts
Dielectric Breakdown
Standard condition
Wet Condition (96 hrs @ 73.4ºF (23ºC)
8,750 volts*
7875 volts
*Note: Dielectric strength 1250 V/mil
High Humidity Insulation Resistance
> 1x 10
6 megohms
Shelf Life &
Storage
Scotch
® Vinyl Electrical Tape 35 has a 5-year shelf life from date of manufacture when
stored in a humidity controlled storage (10°C/50°F to 27°C/80°F and <75% relative
humidity).
Availability
Please contact your local distributor; available from 3M.com/electrical [Where to Buy] or
call 1.800.245.3573.
Important Notice
All statements, technical information, and recommendations related to 3M’s products are based on information believed to
be reliable, but the accuracy or completeness is not guaranteed. Before using this product, you must evaluate it and
determine if it is suitable for your intended application. You assume all risks and liability associated with such use. Any
statements related to the product, which are not contained in 3M’s current publications, or any contrary statements
contained on your purchase order, shall have no force or effect unless expressly agreed upon, in writing, by an authorized
officer of 3M.
Warranty; Limited
Remedy; Limited
Liability
This product will be free from defects in material and manufacture at the time of purchase. 3M MAKES NO OTHER
WARRANTIES INCLUDING, BUT NOT LIMITED TO, ANY IMPLIED WARRANTY OF MERCHANTABILITY OR
FITNESS FOR A PARTICULAR PURPOSE. If this product is defective within the warranty period stated above, your
exclusive remedy shall be, at 3M’s option, to replace or repair the 3M product or refund the purchase price of the 3M
product. Except where prohibited by law, 3M will not be liable for any indirect, special, incidental or consequential
loss or damage arising from this 3M product, regardless of the legal theory asserted.
Scotch is a registered trademark of 3M Company.
3
Electrical Markets Division
6801 River Place Boulevard
Austin, TX 78726-9000
800-245-3573
Fax: 800.245.0329
www.3M.com/electrical
Please recycle
© 3M 2011 All rights reserved
78-8124-4858-3 E



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com