Electronic Components Datasheet Search
  English  ▼

X  

300PL Datasheet(PDF) 11 Page - 3M Electronics

Part # 300PL
Description  3M™ EMI/EMC Electronic Materials
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

300PL Datasheet(HTML) 11 Page - 3M Electronics

Back Button 300PL Datasheet HTML 4Page - 3M Electronics 300PL Datasheet HTML 5Page - 3M Electronics 300PL Datasheet HTML 6Page - 3M Electronics 300PL Datasheet HTML 7Page - 3M Electronics 300PL Datasheet HTML 8Page - 3M Electronics 300PL Datasheet HTML 9Page - 3M Electronics 300PL Datasheet HTML 10Page - 3M Electronics 300PL Datasheet HTML 11Page - 3M Electronics 300PL Datasheet HTML 12Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
7
3M Wide Frequency EMI Absorbers (AB) and 3M Flux Field Directional Materials
(FFDM) – Specific Target Application Frequency Range
3M EMI Absorbers (AB) for wide frequency applications:
• 3M EMI Absorbers are used to reduce EMI and RF noise in electronic systems. 3M EMI Absorbers can be
applied to noisy traces, ICs and reflective surfaces in an enclosure.
3M Flux Field Directional Materials (FFDM): Wireless Power, NFC, Magnetic Shielding Digitizer, and HAC
• 3M FFDM products are useful for RFID and NFC applications to de-couple the NFC or RFID antenna from metal
surfaces by directing the antenna flux fields away from the metal object or surface. 3M FFDM products can also be
beneficial in Wireless Power systems to enhance power transfer efficiency between primary sending and receiving
antenna coils. FFDMs such as EM80KM also are useful as magnetic field shielding materials in a thin format.
3M Wide Frequency EMI Absorbers (Ab)
Product
Carrier Binder
Polymer and
Filler
Adhesive
Type
Magnetic
Permeability
@ 1 MHz
Absorber Thickness ONLY
(mm)
Features
AB-5000 Series
Flexible
polyethylene
resin with
magnetic fillers
Acrylic
PSA
30
0.1, 0.2, 0.3, 0.5, 1.0
Example: AB-5000
series @ 0.50 mm absorber
thickness (without PSA) =AB-5050
Reduce EMI and RF noise in electronic systems.
Apply to noisy traces, ICs and reflective surfaces
in an enclosure.
AB-5000S
Series
Flexible
polyethylene
resin with
magnetic fillers
Acrylic
PSA
55
0.1, 0.2, 0.3, 0.5, 1.0
Improved lower frequency absorber vs. AB-5000
(@ < 1-2 GHz). Reduce EMI and RF noise in electronic
systems. Apply to noisy traces, ICs and reflective surfaces
in an enclosure.
AB-5000HF
Series
Flexible poly resin
with magnetic
fillers
Acrylic
PSA
30
0.1, 0.2, 0.3, 0.5, 1.0
Halogen Free version of the AB-5000
AB-5000SHF
Series
Flexible poly resin
with magnetic
fillers
Acrylic
PSA
55
0.1, 0.2, 0.3, 0.5, 1.0
Halogen Free version of the AB-5000S
AB-6000 Series
Flexible poly resin
with magnetic
fillers laminated
to aluminum foil/
EMI Shielding
& Absorbing
combination.
Acrylic
PSA or
Conductive
Acrylic
PSA
Varies
See TDS
AB-6000 series combines an EMI Shielding layer with an
EMI absorbing layer. Layer configuration can vary. AB-6000
series can be used as an EMI "Shielding Can/ Faraday
Cage" design when other options are not practical. Halogen
Free version available (AB-6000HF Series). Note: Ultra thin
version of design is available as 3M AFM. 3M AFM uses a foil
and thin ferrite design @ 0.05 mm – 0.12 mm.
AB-7000 Series
Flexible
polyethylene
resin with
magnetic fillers
Acrylic
PSA
110-120
0.05, 0.10, 0.20, 0.30, 0.50
Note: ex: AB-7000 series @
0.30 mm absorber thickness
(without PSA) = AB-7030
Improved lower frequency absorber vs the AB-5000 or
AB-5000S (@ < 1 GHz). Reduce EMI and RF noise in
electronic systems. Apply to noisy traces, ICs and reflective
surfaces in an enclosure. Halogen Free version available
(AB-7000HF Series).
3M Flux Field Directional Materials (FFDM) - Specific Target Application Frequency Range
Product
Carrier Binder
Polymer and
Filler
Adhesive
Type
Magnetic
Permeability
@ 13.56 MHz
Features
AB-5000R
Series
(EM45EP)
Flexible
polyethylene
resin with
magnetic fillers
Acrylic
PSA
45 - 50
AB-5000R series FFDM materials are designed for RFID and NFC applications to de-couple the
NFC or RFID antenna from metal surfaces by directing the antenna flux fields away from the metal
object or surface. Products can also be evaluated for Wireless Power systems to enhance power
transfer efficiency between primary sending and pick-up antenna coils.
Products include: AB-5010R @ 0.15 mm/AB-5020R @ 0.2 mm.
EM16TF
Sintered ferrite
sheet between
carrier films with
optional PSA
Acrylic
PSA
160
EM16TF series FFDM materials are designed for RFID and NFC applications to de-couple the NFC
or RFID antenna from metal surfaces by directing the antenna flux fields away from the metal
object or surface. Products can also be evaluated for Wireless Power systems to enhance power
transfer efficiency between primary sending and pick-up antenna coils.
Products include: EM16TF @ different overall thicknesses (see TDS).
AB-5000RF
Series
(EM10TF)
Sintered ferrite
sheet between
carrier films with
optional PSA
Acrylic
PSA
105
AB-5000RF series FFDM materials are designed for RFID and NFC applications to de-couple the
NFC or RFID antenna from metal surfaces by directing the antenna flux fields away from the metal
object or surface. Products can also be evaluated for Wireless Power systems to enhance power
transfer efficiency between primary sending and pick-up antenna coils.
Products include: AB-
5016RF@0.16 mm /AB-5026RF@0.26 mm. Thinner options are available.
RFIC Series
(EM42EP)
Flexible
polyethylene
resin with
magnetic fillers
Acrylic
PSA
42
RFIC series FFDM materials are designed for RFID and NFC applications to de-couple the NFC or
RFID antenna from metal surfaces by directing the antenna flux fields away from the metal object
or surface. Products can also be evaluated for Wireless Power systems to enhance power transfer
efficiency between primary sending and pick-up antenna coils.
Products include: RFIC-XX @
0.13 mm - 0.33 mm @ multiple thicknesses. See TDS for details.
EM13TF
Sintered ferrite
sheet between
carrier films with
optional PSA
Acrylic
PSA
130
EMxxTF series FFDM materials are designed to be evaluated for Wireless Power systems to
enhance power transfer efficiency between primary sending and pick-up antenna coils. Optional
uses include RFID and NFC applications to de-couple the NFC or RFID antenna from metal
surfaces by directing the antenna flux fields away from the metal object or surface.
Products include: EM13TF @ different overall thicknesses (see TDS).
EM80KM
High permeability
magnetic foil with
cover film & PSA
Acrylic
PSA
80,000 max
EM80KM series FFDM materials are designed for DC and low frequency magnetic field shielding
to be evaluated for Wireless Power systems to enhance power transfer efficiency between primary
sending and pick-up antenna coils.
Products include: EM80KM @ 0.12 mm (Thinner versions
and optional multi-layer designs are available for optimized thickness and flux field interaction).
Note: Reference EM # # Letter-Letter
(i.e., EM80KM)
- EM = Electro-Magnetic
- # # = Permeability Peak
- 1st Letter: K=x1000, H=x100, T=x10, E=x1
- 2nd Letter = EM Material Type: M= Magnetic foil,
F = Ferrite, P = Polymer composite
with magnetic fillers.
After EM##LL, the product is identified by
overall thickness in mm (ttt) and one- or
two-sided adhesive (A).
Example: EM45EP @ 0.15 mm thickness with
PSA on one side = EM45EP-ttt-A = EM45EP-015-1
Note that Ferrite Type always has a film on the
non-PSA side.
*See technical data sheet (TDS) for added
adhesive thickness for each version.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com