Electronic Components Datasheet Search
  English  ▼

X  

CAT4201 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CAT4201
Description  High Efficiency Step Down LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT4201 Datasheet(HTML) 2 Page - ON Semiconductor

  CAT4201 Datasheet HTML 1Page - ON Semiconductor CAT4201 Datasheet HTML 2Page - ON Semiconductor CAT4201 Datasheet HTML 3Page - ON Semiconductor CAT4201 Datasheet HTML 4Page - ON Semiconductor CAT4201 Datasheet HTML 5Page - ON Semiconductor CAT4201 Datasheet HTML 6Page - ON Semiconductor CAT4201 Datasheet HTML 7Page - ON Semiconductor CAT4201 Datasheet HTML 8Page - ON Semiconductor CAT4201 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CAT4201
www.onsemi.com
2
Table 1. ABSOLUTE MAXIMUM RATINGS
Parameters
Ratings
Units
VBAT, SW, CTRL
−0.3 to +40
V
RSET
−0.3 to +5
V
Switch SW peak current
1
A
Storage Temperature Range
−65 to +160
_C
Junction Temperature Range
−40 to +150
_C
Lead Temperature
300
_C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
Table 2. RECOMMENDED OPERATING CONDITIONS
Parameters
Ratings
Units
VBAT voltage (Notes 1, 2)
6.5 to 36 (Note 1)
V
SW voltage
0 to 36
V
Ambient Temperature Range
−40 to +125
_C
LED Current
50 to 350
mA
Switching Frequency
50 to 1000
kHz
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.
1. The VBAT pin voltage should be at least 3 V greater than the total sum of the LED forward voltages in order to operate at nominal LED current.
2. During power−up, the slew rate of the input supply should be greater than 1
ms for every 5 V increase of VBAT.
Table 3. ELECTRICAL CHARACTERISTICS
(VIN = 13 V, ambient temperature of 25°C (over recommended operating conditions unless otherwise specified))
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IQ
Operating Supply Current on VBAT pin
0.4
1
mA
ISD
Idle Mode Supply Current on VBAT pin
CTRL = GND
90
mA
VFB
RSET Pin Voltage
2 LEDs with ILED = 300 mA
1.15
1.2
1.25
V
ILED
Programmed LED Current
R1 = 33 k
W
R1 = 10 k
W
R1 = 8.25 k
W
270
100
300
350
330
mA
VCTRL−FULL
CTRL Voltage for 100% Brightness
2.6
3.1
V
VCTRL−EN
CTRL Voltage to Enable LEDs
LED enable voltage threshold
0.9
1.2
V
VCTRL−SD
CTRL Voltage to Shutdown LEDs
LED disable voltage threshold
0.4
0.9
V
ICTRL
CTRL pin input bias
VCTRL = 3 V
VCTRL = 12 V
40
200
80
mA
RSW
Switch “On” Resistance
ISW = 300 mA
0.9
1.5
W
TSD
Thermal Shutdown
150
°C
THYST
Thermal Hysteresis
20
°C
h
Efficiency
Typical Application Circuit
86
%
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com