Electronic Components Datasheet Search
  English  ▼

X  

TPS2223APWP Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2223APWP
Description  CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2223APWP Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS2223APWP Datasheet HTML 9Page - Texas Instruments TPS2223APWP Datasheet HTML 10Page - Texas Instruments TPS2223APWP Datasheet HTML 11Page - Texas Instruments TPS2223APWP Datasheet HTML 12Page - Texas Instruments TPS2223APWP Datasheet HTML 13Page - Texas Instruments TPS2223APWP Datasheet HTML 14Page - Texas Instruments TPS2223APWP Datasheet HTML 15Page - Texas Instruments TPS2223APWP Datasheet HTML 16Page - Texas Instruments TPS2223APWP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
www.ti.com
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
−50
−20
10
40
70
100
xVCC = 5 V
IO = 0.75 A
CL = 150 µF
TJ − Junction Temperature − °C
2.25
2.3
2.35
2.4
2.45
2.5
2.55
2.6
−50
−20
10
40
70
100
xVCC = 5 V
IO = 0.75 A
CL = 150 µF
TJ − Junction Temperature − °C
0
0.5
1
1.5
2
2.5
3
−50
−20
10
40
70
100
TJ − Junction Temperature − °C
xVPP = 12 V
IO = 0.05 A
CL = 10 µF
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
−50
−20
10
40
70
100
TJ − Junction Temperature − °C
xVCC = 12 V
IO = 0.05 A
CL = 10 µF
TPS2220A, TPS2223A
TPS2224A, TPS2226A
SLVS428B – MAY 2002 – REVISED SEPTEMBER 2004
TURNON PROPAGATION DELAY TIME, xVCC
TURNOFF PROPAGATION DELAY TIME, xVCC
vs
vs
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
Figure 7.
Figure 8.
TURNON PROPAGATION DELAY TIME, xVPP
TURNON PROPAGATION DELAY TIME, xVPP
vs
vs
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
Figure 9.
Figure 10.
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com