Electronic Components Datasheet Search
  English  ▼

X  

PAM2808 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # PAM2808
Description  5W HIGH POWER HBLED DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM2808 Datasheet(HTML) 6 Page - Diodes Incorporated

  PAM2808 Datasheet HTML 1Page - Diodes Incorporated PAM2808 Datasheet HTML 2Page - Diodes Incorporated PAM2808 Datasheet HTML 3Page - Diodes Incorporated PAM2808 Datasheet HTML 4Page - Diodes Incorporated PAM2808 Datasheet HTML 5Page - Diodes Incorporated PAM2808 Datasheet HTML 6Page - Diodes Incorporated PAM2808 Datasheet HTML 7Page - Diodes Incorporated PAM2808 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
PAM2808
Document number: DS36402 Rev. 2 - 2
6 of 8
www.diodes.com
September 2015
© Diodes Incorporated
PAM2808
Ordering Information
PAM2808 X X X X
Pin Configuration
B Type:
1. NC
2. VIN
3. EN
4. GND
5. NC
6. FB
7. VOUT
8. NC
Shipping Package
Number of Pins
Package Type
L: SOP-8(EP)
B: 8
R: Tape & Reel
Part Number
Marking
Package Type
Standard Package
PAM2808BLBR
P2808
XXXYW
SO-8EP (Type B)
2,500 Units/Tape&Reel
Marking Information



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com