Electronic Components Datasheet Search
  English  ▼

X  

VT8225 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # VT8225
Description  Clock Generator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT8225 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  VT8225 Datasheet HTML 1Page - List of Unclassifed Manufacturers VT8225 Datasheet HTML 2Page - List of Unclassifed Manufacturers VT8225 Datasheet HTML 3Page - List of Unclassifed Manufacturers VT8225 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
VIA Technologies, Inc.
VT8225
-4-
SWITCHING CHARACTERISTICS
Characteristics
Symbol
Min
Typ
Max
Units
Output Rise(0.8v-2.0v) and Fall Time
(2.0v-0.8v)
tTLH, tTHL
-2
ns
Output Enable
TS to All Output
tZ
35
ns
Duty Cycle
All Output
dT
40
48/52
60
%
Jitte, One Sigma
tJ1S
+0.5
+2
%
Jitter, Absolute
tABS
+3
+5
%
Frequency Transition Time
tFT
20
ms
Power Up Time
tPU
15
40
ms
Input Rise and Fall Times OSCIN
tTLH,tTHL
-3
1
us
VDD = 5V + 10%, TA = -40oC to +85oC, CL = 50pF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com