Electronic Components Datasheet Search
  English  ▼

X  

WT6016 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # WT6016
Description  Digital Monitor Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

WT6016 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button WT6016 Datasheet HTML 9Page - List of Unclassifed Manufacturers WT6016 Datasheet HTML 10Page - List of Unclassifed Manufacturers WT6016 Datasheet HTML 11Page - List of Unclassifed Manufacturers WT6016 Datasheet HTML 12Page - List of Unclassifed Manufacturers WT6016 Datasheet HTML 13Page - List of Unclassifed Manufacturers WT6016 Datasheet HTML 14Page - List of Unclassifed Manufacturers WT6016 Datasheet HTML 15Page - List of Unclassifed Manufacturers WT6016 Datasheet HTML 16Page - List of Unclassifed Manufacturers WT6016 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
WT6016
Digital Monitor Controller
Ver. 1.51 Jul-31-1998
Weltrend Semiconductor, Inc.
13
If a low level occurs on the SCL pin in DDC1 state, the DDC interface will switch to DDC2B state
immediately and set the DDC2B bit to "1". No interrupt will be generated. But, if there is no valid
device address and it receives 128 VSYNC pulses while the SCL is high level, it will go back to
DDC1 state automatically. If it receives a valid device address, it will lock into DDC2B state and
disregard VSYNC.
In some case, program wants to go back DDC1 state, set RDDC bit in REG#1AH and reset it again.
This operation resets the DDC interface to the initial condition.
When it is in DDC2B state, the VSYNC clock is disregarded and the communication protocol
follows the DDC standard. The data format on SDA pin is:
S
Address
R/W A
D7,D6,...., D0
A
D7,D6,...., D0
A
P
S : Start condition. A falling edge occurs when SCL is high level.
P : Stop condition. A rising edge occurs when SCL is high level.
A : Acknowledge bit. “0” means acknowledge and “1” means non-acknowledge.
Address : 7-bit device address.
R/W : Read/Write control bit, "1" is read and "0" is write.
D7,D6,...., D0 : data byte.
The hardware operations in DDC2B state are :
(1) START/STOP detection
When the START condition is detected, the DDC interface is enabled and set START bit to "1".
When the STOP condition is detected, the DDC interface is disabled, set STOP bit to "1" and
generate INT0 interrupt.
The START bit is cleared when the following data byte received.
The STOP bit is cleared after writing REG#19H.
(2) Address Recognition
It contains two device addresses in WT6018. One fixed address (‘1010000’) is for EDID reading
and one programmable address (REG#19H) is for external control, such as auto alignment.
If the address is equal to "1010000", set ADDR bit to "0".
If the address is equal to the bit A6 to bit A0 (REG#19H), set ADDR bit to "1".
If the address is not equal to anyone above, the DDC interface will not response acknowledge.
The ADDR bit is updated when a new device address is received.
(3) Store R/W bit and decide the direction of SDA pin
The R/W bit on the SDA pin will be stored in the RW bit.
(4) Acknowledge bit control/detection
Acknowledge bit control in receive direction :
If ENACK=1 and address compare is true, response acknowledge (Acknowledge bit ="0").
If ENACK=0 or address compare is false, response non-acknowledge (Acknowledge bit ="1").
Acknowledge bit detect in transmit direction :
If the acknowledge bit is "1" , the DDC interface will be disabled and release the SDA pin.
If the acknowledge bit is "0" , the DDC interface keeps on communicating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com