Electronic Components Datasheet Search
  English  ▼

X  

AP3032 Datasheet(PDF) 2 Page - BCD Semiconductor Manufacturing Limited

Part # AP3032
Description  WHITE LED STEP-UP CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3032 Datasheet(HTML) 2 Page - BCD Semiconductor Manufacturing Limited

  AP3032 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3032 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3032 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3032 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3032 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3032 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3032 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3032 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3032 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Data Sheet
WHITE LED STEP-UP CONVERTER
AP3032
Dec. 2012 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
2
Pin Configuration
K Package
(SOT-23-6)
1
2
34
5
Pin 1 Mark
6
SW
GND
FB
VIN
OV
CTRL
Figure 2. Pin Configuration of AP3032 (Top View)
Pin Description
Pin Number
Pin Name
Function
1
SW
Switch pin. Connect external inductor and Schottky
2
GND
Ground
3
FB
Voltage feedback. Reference voltage is 200mV
4
CTRL
Enable and dimming control pin. Connect to a high input to enable
the IC or a low input to disable the IC. Connect to a PWM input to
achieve dimming control If logic low time is less than about 0.7
ms, AP3032 is hold on standby mode, at which it shut down the
power switch but shield the soft-start function, to achieve high
frequency dimming
5
OV
Over voltage protection input. Connect to the output directly. On
OVP condition, the output voltage will clamp
6
VIN
Input supply pin. Must be locally bypassed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com