Electronic Components Datasheet Search
  English  ▼

X  

AP3612 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AP3612
Description  Boost Type LED Driver with 12-Channel Current Source
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3612 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AP3612 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3612 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3612 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3612 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3612 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3612 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3612 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3612 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3612 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Preliminary Datasheet
Boost Type LED Driver with 12-Channel Current Source
AP3612
Aug. 2012 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
1
General Description
The AP3612 is a high efficiency boost controller with
12-string current sources for driving WLED backlight.
It operates over a wide input voltage range from 4.5V
to 33V.
The current of 12 strings are simply programmed
from 20mA to 75mA with an external resistor. The
current matching between each string is 1.5% (Typ).
Its operating frequency can be adjusted from 0.1MHz
to 1MHz.
The AP3612 features Cycle-by-cycle Current Limit,
Soft Start, Under Voltage Lock Out (UVLO)
protection, programmable OVP, Over Temperature
Protection (OTP), open/short LED protection, VOUT
short protection and Schottky diode short-circuit
protection.
The AP3612 is available in HSOP-28 and SOIC-24
packages.
Features
•
Input Voltage Range: 4.5V to 33V
•
Drives up to 12 Strings in Parallel, 75mA per
String
•
Programmable WLED Current from 20mA to
75mA
•
Adjustable Operating Frequency: 100kHz to
1MHz
•
String-to-string Current Matching Accuracy:
1.5%
•
Built-in OCP, OTP, UVLO
•
External PWM Dimming
•
Open/Short LED Protection
•
Programmable Soft Start
•
Programmable OVP
•
Schottky Diode/Inductor Short-circuit Protection
•
VOUT Short/Schottky Diode Open Protection
Applications
•
LCD Monitor
•
LCD Display Module
•
LCD TV
Figure 1. Package Types of AP3612
HSOP-28
SOIC-24


Similar Part No. - AP3612

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3615 BCDSEMI-AP3615 Datasheet
776Kb / 13P
5 CHANNEL CHARGE PUMP CURRENT SINK FOR LED DRIVER
AP3615FNTR-G1 BCDSEMI-AP3615FNTR-G1 Datasheet
776Kb / 13P
5 CHANNEL CHARGE PUMP CURRENT SINK FOR LED DRIVER
AP3616 BCDSEMI-AP3616 Datasheet
1Mb / 16P
SIXTEEN-CHANNEL, 75mA CURRENT SINK WITH CURRENT MATCH
More results

Similar Description - AP3612

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8042 LINER-LTM8042_15 Datasheet
301Kb / 32P
Module Boost LED Driver and Current Source
LTM8042-1 LINER-LTM8042-1_15 Datasheet
301Kb / 32P
Module Boost LED Driver and Current Source
logo
Texas Instruments
LM3556 TI1-LM3556_15 Datasheet
1Mb / 39P
Synchronous Boost LED Flash Driver With High-Side Current Source
logo
Integrated Silicon Solu...
IS31LT3552 ISSI-IS31LT3552 Datasheet
326Kb / 13P
BOOST TYPE LED DRIVER WITH 2-CHANNEL CURRENT SOURCE
IS31LT3554 ISSI-IS31LT3554 Datasheet
340Kb / 13P
BOOST TYPE LED DRIVER WITH 4-CHANNEL CURRENT SOURCE
IS32BL3552 ISSI-IS32BL3552 Datasheet
350Kb / 13P
BOOST TYPE LED DRIVER WITH 2-CHANNEL CURRENT SOURCE
IS32BL3554 ISSI-IS32BL3554 Datasheet
344Kb / 13P
BOOST TYPE LED DRIVER WITH 4-CHANNEL CURRENT SOURCE
logo
Diodes Incorporated
AL3065 DIODES-AL3065 Datasheet
573Kb / 15P
FOUR-CHANNEL CURRENT SOURCE BOOST LED DRIVER
Rev 1
AP3064 DIODES-AP3064 Datasheet
707Kb / 20P
FOUR-CHANNEL CURRENT SOURCE BOOST LED DRIVER
Rev 2
AL3066 DIODES-AL3066 Datasheet
495Kb / 14P
FOUR-CHANNEL CURRENT SOURCE BOOST LED DRIVER
Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com