Electronic Components Datasheet Search
  English  ▼

X  

1N6513 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 1N6513
Description  2,000 V - 5,000 V Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

1N6513 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  1N6513 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1N6513 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
152
0.0
5.0
10.0
15.0
20.0
25.0
30.0
0
25
50
75
100
125
150
175
Lead Temperature (C)
0
50
100
150
200
250
300
350
25
50
75
100
125
150
Temperature (C)
0.0
10.0
20.0
30.0
40.0
50.0
60.0
0
2040
6080
100
Reverse Bias Voltage (V)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
0.0
1.0
2.0
3.0
4.0
5.0
Forward Current (A)
0
1
2
3
4
5
6
7
8
0.0
2.0
4.0
6.0
8.0
10.0
Forward Current (A)
1.0
10.0
100.0
1000.0
25
50
75
100
125
150
Temperature (C)
TYPICAL REVERSE RECOVERY TIME
VS. TEMPERATURE
REVERSE CURRENT
VS. TEMPERATURE AT Vrwm
POWER DERATING
1N6513U 1N6515U 1N6517U
TYPICAL JUNCTION CAPACITANCE
VS. REVERSE VOLTAGE AT 25°C
TYPICAL FORWARD VOLTAGE
VS. FORWARD CURRENT AT 25°C
TYPICAL FORWARD VOLTAGE
VS. FORWARD CURRENT AT 25°C
1N6515U
1N6513U
1N6517U
1N6517U
1N6513U
1N6515U
Temperature (°C)
Temperature (°C)
Lead Temperature (°C)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com