Electronic Components Datasheet Search
  English  ▼

X  

SST5484 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SST5484
Description  N-Channel JFETs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SST5484 Datasheet(HTML) 2 Page - Vishay Siliconix

  SST5484 Datasheet HTML 1Page - Vishay Siliconix SST5484 Datasheet HTML 2Page - Vishay Siliconix SST5484 Datasheet HTML 3Page - Vishay Siliconix SST5484 Datasheet HTML 4Page - Vishay Siliconix SST5484 Datasheet HTML 5Page - Vishay Siliconix SST5484 Datasheet HTML 6Page - Vishay Siliconix SST5484 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2N/SST5484 Series
Vishay Siliconix
www.vishay.com
7-2
Document Number: 70246
S-04028—Rev. E, 04-Jun-01
ABSOLUTE MAXIMUM RATINGS
Gate-Drain, Gate-Source Voltage
–25 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Gate Current
10 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead Temperature
300
_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature
–65 to 150
_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature
–55 to 150
_C
. . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipationa
350 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Notes
a.
Derate 2.8 mW/
_C above 25_C
SPECIFICATIONS FOR 2N SERIES (TA = 25_C UNLESS OTHERWISE NOTED)
Limits
2N5484
2N5485
2N5486
Parameter
Symbol
Test Conditions
Typa
Min
Max
Min
Max
Min
Max
Unit
Static
Gate-Source
Breakdown Voltage
V(BR)GSS
IG = –1 mA , VDS = 0 V
–35
–25
–25
–25
V
Gate-Source Cutoff Voltage
VGS(off)
VDS = 15 V, ID = 10 nA
–0.3
–3
–0.5
–4
–2
–6
V
Saturation Drain Currentb
IDSS
VDS = 15 V, VGS = 0 V
1
5
4
10
8
20
mA
VGS = –20 V, VDS = 0 V
–0.002
–1
–1
–1
Gate Reverse Current
IGSS
TA = 100_C
–0.2
–200
–200
–200
nA
Gate Operating Currentc
IG
VDG = 10 V, ID = 1 mA
–20
pA
Gate-Source
Forward Voltagec
VGS(F)
IG = 10 mA , VDS = 0 V
0.8
V
Dynamic
Common-Source
Forward Transconductanceb
gfs
VDS = 15 V, VGS = 0 V
3
6
3.5
7
4
8
mS
Common-Source
Output Conductanceb
gos
VDS = 15 V, VGS = 0 V
f = 1 kHz
50
60
75
mS
Common-Source
Input Capacitance
Ciss
2.2
5
5
5
Common-Source
Reverse Transfer Capacitance
Crss
VDS = 15 V, VGS = 0 V
f = 1 MHz
0.7
1
1
1
pF
Common-Source
Output Capacitance
Coss
1
2
2
2
Equivalent Input
Noise Voltagec
en
VDS = 15 V, VGS = 0 V
f = 100 Hz
10
nV
⁄
√Hz
High-Frequency
Common-Source
f = 100 MHz
5.5
2.5
Common-Source
Transconductance
Yfs(RE)
f = 400 MHz
5.5
3
3.5
mS
Common-Source
VDS = 15 V
f = 100 MHz
45
75
m
Common-Source
Output Conductance
Yos(RE)
VDS = 15 V
VGS = 0 V
f = 400 MHz
65
100
100
mS
Common-Source
f = 100 MHz
0.05
0.1
Common-Source
Input Conductance
Yis(RE)
f = 400 MHz
0.8
1
1
mS
VDS = 15 V, ID = 1 mA
f = 100 MHz
20
16
25
Common-Source Power Gain
Gps
VDS = 15 V
f = 100 MHz
21
18
30
18
30
VDS = 15 V
ID = 4 mA
f = 400 MHz
13
10
20
10
20
VDS = 15 V, VGS = 0 V
RG = 1 MW, f = 1 kHz
0.3
2.5
2.5
2.5
dB
Noise Figure
NF
VDS = 15 V, ID = 1 mA
RG = 1 kW, f = 100 MHz
2
3
VDS = 15 V
f = 100 MHz
1
2
2
ID = 4 mA
RG = 1 kW
f = 400 MHz
2.5
4
4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com