Electronic Components Datasheet Search
  English  ▼

X  

NPIS_D Datasheet(PDF) 13 Page - NIC-Components Corp.

Part # NPIS_D
Description  NPIS Shielded Power Inductors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIS_D Datasheet(HTML) 13 Page - NIC-Components Corp.

Back Button NPIS_D Datasheet HTML 6Page - NIC-Components Corp. NPIS_D Datasheet HTML 7Page - NIC-Components Corp. NPIS_D Datasheet HTML 8Page - NIC-Components Corp. NPIS_D Datasheet HTML 9Page - NIC-Components Corp. NPIS_D Datasheet HTML 10Page - NIC-Components Corp. NPIS_D Datasheet HTML 11Page - NIC-Components Corp. NPIS_D Datasheet HTML 12Page - NIC-Components Corp. NPIS_D Datasheet HTML 13Page - NIC-Components Corp. NPIS_D Datasheet HTML 14Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
NPIS__D Series
NPIS Shielded Power Inductors
Case Size
Reel Qty
CARRIER TAPE DIMENSIONS (mm)
WA0
B0
Co
K0
Po
t
NPIS20D
3,000
12.0
3.5
3.5
5.5
1.4
8
0.3
NPIS21D
3,000
1.6
NPIS24D
3,000
1.6
NPIS28D
3,000
2.1
NPIS33D
3,000
4.3
4.3
NPIS34D
3,000
NPIS35D
3,000
NPIS36D
3,500
NPIS39D
2,000
NPIS42D
3,500
5.4
5.4
NPIS43D
2,500
3.3
NPIS52D
3,500
6.2
6.2
2.2
NPIS53D
2,500
3.2
NPIS63D
1,500
16.0
7.4
7.4
7.5
3.4
12
0.35
NPIS64D
1,000
4.5
NPIS83D
1,000
10.5
10.5
3.5
0.4
NPIS84D
1,000
4.3
NPIS85D
800
4.3
100
W
Co
Ao
Po
Ko
Bo
1.5mm ± 0.1
4.0mm
±0.1
1.75mm
±0.1
t
TRF
STANDARD COMPONENT ORIENTATION
100
100
100
TRNF
OPTIONAL 90° COMPONENT ORIENTATION
TRUF
OPTIONAL 180° COMPONENT ORIENTATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com