Electronic Components Datasheet Search
  English  ▼

X  

LM107 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM107
Description  Operational Amplifiers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM107 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM107 Datasheet HTML 1Page - National Semiconductor (TI) LM107 Datasheet HTML 2Page - National Semiconductor (TI) LM107 Datasheet HTML 3Page - National Semiconductor (TI) LM107 Datasheet HTML 4Page - National Semiconductor (TI) LM107 Datasheet HTML 5Page - National Semiconductor (TI) LM107 Datasheet HTML 6Page - National Semiconductor (TI) LM107 Datasheet HTML 7Page - National Semiconductor (TI) LM107 Datasheet HTML 8Page - National Semiconductor (TI) LM107 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TLH7757
December 1994
LM107LM207LM307 Operational Amplifiers
General Description
The LM107 series are complete general purpose operation-
al amplifiers with the necessary frequency compensation
built into the chip Advanced processing techniques make
the input currents a factor of ten lower than industry stan-
dards like the 709 Yet they are a direct plug-in replace-
ment for the 709 LM101A and 741
The LM107 series offers the features of the LM101A which
makes its application nearly foolproof In addition the de-
vice provides better accuracy and lower noise in high im-
pedance circuitry The low input currents also make it partic-
ularly well suited for long interval integrators or timers sam-
ple and hold circuits and low frequency waveform genera-
tors Further replacing circuits where matched transistor
pairs buffer the inputs of conventional IC op amps it can
give lower offset voltage and drift at a lower cost
The LM107 is guaranteed over a b55 Cto a125 C temper-
ature range the LM207 from b25 Cto a85 C and the
LM307 from 0 Cto a70 C
Features
Y
Offset voltage 3 mV maximum over temperature
Y
Input current 100 nA maximum over temperature
Y
Offset current 20 nA maximum over temperature
Y
Guaranteed drift characteristics
Connection Diagrams
Metal Can Package
TLH7757 – 2
Note Pin 4 connected to case
Top View
Order Number LM107H883
See NS Package Number H08C
Dual-in-Line Package
TLH7757 – 3
Top View
Order Number LM107J883 or LM207J
See NS Package Number J08A
Order Number LM307N
See NS Package Number N08A
Dual-in-Line Package
TLH7757 – 13
Order Number LM107J-14883
See NS Package Number J14A
Available per SMD
5962-8958901
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - LM107

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LM107 LINER-LM107 Datasheet
388Kb / 6P
Operational Amplifiers
logo
Texas Instruments
LM107 TI-LM107 Datasheet
54Kb / 4P
HIGH-PERFORMANCE OPERATIONAL AMPLIFIERS
logo
Intersil Corporation
LM107 INTERSIL-LM107 Datasheet
4Mb / 122P
P-CHANNEL JFET
logo
Texas Instruments
LM107 TI1-LM107 Datasheet
444Kb / 12P
Operational Amplifiers
LM107-N TI1-LM107-N Datasheet
444Kb / 12P
LM107 LM207 LM307 Operational Amplifiers
More results

Similar Description - LM107

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM301A MOTOROLA-LM301A Datasheet
130Kb / 6P
Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
Operational Amplifiers
LM108 NSC-LM108 Datasheet
289Kb / 10P
Operational Amplifiers
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
Operational Amplifiers
REV. D
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
UM605B UTC-UM605B_15 Datasheet
173Kb / 5P
OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LF347 ONSEMI-LF347 Datasheet
80Kb / 4P
Operational Amplifiers
March, 2002 ??Rev. 1
logo
Texas Instruments
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
Operational Amplifiers
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com