Electronic Components Datasheet Search
  English  ▼

X  

NPIS35LS Datasheet(PDF) 15 Page - NIC-Components Corp.

Part # NPIS35LS
Description  NPIS Shielded Power Inductors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIS35LS Datasheet(HTML) 15 Page - NIC-Components Corp.

Back Button NPIS35LS Datasheet HTML 9Page - NIC-Components Corp. NPIS35LS Datasheet HTML 10Page - NIC-Components Corp. NPIS35LS Datasheet HTML 11Page - NIC-Components Corp. NPIS35LS Datasheet HTML 12Page - NIC-Components Corp. NPIS35LS Datasheet HTML 13Page - NIC-Components Corp. NPIS35LS Datasheet HTML 14Page - NIC-Components Corp. NPIS35LS Datasheet HTML 15Page - NIC-Components Corp. NPIS35LS Datasheet HTML 16Page - NIC-Components Corp. NPIS35LS Datasheet HTML 17Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
15
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
Series
Standard Values - Case Size 84 (8.0 x 8.0 x 4.0mm)
Inductance
(µH)
Tolerance
Test Conditions
DCR
(Ω)
±30%
Max. Isat
(Amps)
Max. Irms
(Amps)
SRF
(MHz)
NPIS84LSR82YTRF
0.82
±30%
100KHz, 1V
0.008
13.8
6.3
94
NPIS84LS1R0YTRF
1
±30%
100KHz, 1V
0.008
9.85
6.3
89
NPIS84LS1R5YTRF
1.5
±30%
100KHz, 1V
0.01
8.15
5.65
67
NPIS84LS2R0YTRF
2
±30%
100KHz, 1V
0.012
9.25
5.15
43
NPIS84LS2R2YTRF
2.2
±30%
100KHz, 1V
0.012
7.1
5.15
41
NPIS84LS3R0YTRF
3
±30%
100KHz, 1V
0.014
6.1
4.7
32
NPIS84LS3R3YTRF
3.3
±30%
100KHz, 1V
0.017
6.5
4.4
27
NPIS84LS3R6YTRF
3.6
±30%
100KHz, 1V
0.017
7.52
4.35
30
NPIS84LS3R9YTRF
3.9
±30%
100KHz, 1V
0.017
5.75
4.35
26
NPIS84LS4R7YTRF
4.7
±30%
100KHz, 1V
0.019
5.9
4.1
24
NPIS84LS5R1YTRF
5.1
±30%
100KHz, 1V
0.019
4.7
4.05
22
NPIS84LS5R6YTRF
5.6
±30%
100KHz, 1V
0.021
6
3.85
24
NPIS84LS6R2YTRF
6.2
±30%
100KHz, 1V
0.021
4.45
3.85
20
NPIS84LS6R8MTRF
6.8
±20%
100KHz, 1V
0.024
4.55
3.6
20
NPIS84LS8R2MTRF
8.2
±20%
100KHz, 1V
0.026
4.2
3.45
17
NPIS84LS100MTRF
10
±20%
100KHz, 1V
0.029
3.6
3.3
15
NPIS__LS Series
NPIS Shielded Power Inductors
Series
Standard Values - Case Size 65 (6.0 x 6.0 x 4.5mm)
Inductance
(µH)
Tolerance
Test Conditions
DCR
(Ω) ±30%
Max. Isat
(Amps)
Max. Irms
(Amps)
SRF
(MHz)
NPIS65LS750MTRF
75
±20%
100KHz, 1V
0.305
1.15
0.95
5
NPIS65LS820MTRF
82
±20%
100KHz, 1V
0.341
1.05
0.9
4.9
NPIS65LS910MTRF
91
±20%
100KHz, 1V
0.359
1
0.85
4.9
NPIS65LS101MTRF
100
±20%
100KHz, 1V
0.433
0.95
0.8
4.2
NPIS65LS121MTRF
120
±20%
100KHz, 1V
0.484
0.85
0.77
4.2
NPIS65LS151MTRF
150
±20%
100KHz, 1V
0.58
0.8
0.7
4.2
NPIS65LS221MTRF
220
±20%
100KHz, 1V
0.834
0.7
0.59
3.5
NPIS65LS331MTRF
330
±20%
100KHz, 1V
1.27
0.57
0.57
2.8
Maximum +40°C temperature rise at Irms. Maximum -30% inductance drop from initial measured value at Isat.
Maximum +40°C temperature rise at Irms. Maximum -30% inductance drop from initial measured value at Isat.
NPIS65LS Size (Continued)
NPIS84LS Size
Inductance vs. DC Current Characteristics
Temperature vs. DC Current Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com