Electronic Components Datasheet Search
  English  ▼

X  

FS10 Datasheet(PDF) 9 Page - XP Power Limited

Part # FS10
Description  ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

FS10 Datasheet(HTML) 9 Page - XP Power Limited

  FS10 Datasheet HTML 1Page - XP Power Limited FS10 Datasheet HTML 2Page - XP Power Limited FS10 Datasheet HTML 3Page - XP Power Limited FS10 Datasheet HTML 4Page - XP Power Limited FS10 Datasheet HTML 5Page - XP Power Limited FS10 Datasheet HTML 6Page - XP Power Limited FS10 Datasheet HTML 7Page - XP Power Limited FS10 Datasheet HTML 8Page - XP Power Limited FS10 Datasheet HTML 9Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
4725V01
PAGE 9
WWW.XPPOWER.COM
ORDERING
INFORMATION
ORDER CODE
AVAILABILITY
OUTPUT VOLTAGE
10 WATT
FS
ALL
POLARITY
DESIGNATOR
DUAL OUTPUT (CENTER TAP) OPTION
CT
(MODELS FS02CT THRU FS40CT)
POSITIVE OUTPUT
P
(MODELS FS50P THRU FS60P)
NEGATIVE
N
(MODELS FS50N THRU FS60N)
INPUT VOLTAGE
12V
12
ALL
15V
15
ALL
24V
24
ALL
28V
28
ALL
SMART FEATURES
SHUTDOWN FEATURES INCLUDED
BLANK
ALL
SHUTDOWN FEATURES NOT INCLUDED
B
(NOT OFFERED ON CT MODELS)
TEMPERATURE
STANDARD OPERATING TEMPERATURE
BLANK
(-25°C TO +75°C (CASE)
EXTENDED OPERATING TEMPERATURE
T
(-55°C TO +85°C (CASE)
FS SERIES
For other input/output voltages, consult factory.
HOW TO ORDER
FS Model
Output Voltage (See Table)
Polarity Designator
EXAMPLE: FS50N-12T (FS-Series, 50 - Output Voltage, N - Negative, 12 - Input Voltage,
Blank - with Smart Features, T - Extended Operating Temperature)
PART NUMBER SELECTOR:
Model Number:
FS 50 N -12
_T
Extended Operating Temperature
Smart Features
Input Voltage
OPTION CODES
* Notes:
1. At maximum rated output voltage.
2. Output voltage is load dependent. Under light or no-load conditions, reduce the input voltage so maximum rated output voltage is not exceeded.
3. Specifications after 1 hour warm-up, full load, at 25oC unless otherwise indicated.
4. Maximum output power is typically proportional to input voltage from 40% of input voltage and above.
5. Indefinite short circuit protection available on enhanced version only.
6. Proper thermal management techniques are required to maintain safe case temperature at maximum power output.
7. Ripple specification for center-tapped units applies to the voltage between the positive and negative output terminals.
8. Models FS50 and FS60 do not have the arc protection feature.
XP EMCO reserves the right to make changes on
products and literature, including specifications, without
notice. XP EMCO standard product models are not
recommended for “copy-exact” applications or any other
application restricting product changes. “Copy-exact”
options are available. Please contact an XP EMCO
sales representative for more details.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com