Electronic Components Datasheet Search
  English  ▼

X  

LF398AH Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LF398AH
Description  Monolithic Sample-and-Hold Circuits
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LF398AH Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LF398AH Datasheet HTML 5Page - National Semiconductor (TI) LF398AH Datasheet HTML 6Page - National Semiconductor (TI) LF398AH Datasheet HTML 7Page - National Semiconductor (TI) LF398AH Datasheet HTML 8Page - National Semiconductor (TI) LF398AH Datasheet HTML 9Page - National Semiconductor (TI) LF398AH Datasheet HTML 10Page - National Semiconductor (TI) LF398AH Datasheet HTML 11Page - National Semiconductor (TI) LF398AH Datasheet HTML 12Page - National Semiconductor (TI) LF398AH Datasheet HTML 13Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Typical Applications (Continued)
Definition of Terms
Hold Step: The voltage step at the output of the sample and
hold when switching from sample mode to hold mode with a
steady (dc) analog input voltage. Logic swing is 5V.
Acquisition Time: The time required to acquire a new ana-
log input voltage with an output step of 10V. Note that acqui-
sition time is not just the time required for the output to settle,
but also includes the time required for all internal nodes to
settle so that the output assumes the proper value when
switched to the hold mode.
Gain Error: The ratio of output voltage swing to input volt-
age swing in the sample mode expressed as a per cent dif-
ference.
Hold Settling Time: The time required for the output to
settle within 1 mV of final value after the “hold” logic com-
mand.
Dynamic Sampling Error: The error introduced into the
held output due to a changing analog input at the time the
hold command is given. Error is expressed in mV with a
given hold capacitor value and input slew rate. Note that this
error term occurs even for long sample times.
Aperture Time: The delay required between “Hold” com-
mand and an input analog transition, so that the transition
does not affect the held output.
Connection Diagrams
Differential Hold
DS005692-57
Capacitor Hysteresis Compensation
DS005692-56
**Adjust for amplitude
Dual-In-Line Package
DS005692-11
Order Number LF398N
or LF398AN
See NS Package Number N08E
Small-Outline Package
DS005692-15
Order Number LF298M or LF398M
See NS Package Number M14A
Metal Can Package
DS005692-14
Order Number LF198H,
LF198H/883, LF298H,
LF398H, LF198AH or LF398AH
See NS Package Number H08C
(Note 8)
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com