Electronic Components Datasheet Search
  English  ▼

X  

DA9155M Datasheet(PDF) 1 Page - Dialog Semiconductor

Part # DA9155M
Description  2.5 A Companion Charger for rapid charging
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9155M Datasheet(HTML) 1 Page - Dialog Semiconductor

  DA9155M Datasheet HTML 1Page - Dialog Semiconductor DA9155M Datasheet HTML 2Page - Dialog Semiconductor DA9155M Datasheet HTML 3Page - Dialog Semiconductor DA9155M Datasheet HTML 4Page - Dialog Semiconductor DA9155M Datasheet HTML 5Page - Dialog Semiconductor DA9155M Datasheet HTML 6Page - Dialog Semiconductor DA9155M Datasheet HTML 7Page - Dialog Semiconductor DA9155M Datasheet HTML 8Page - Dialog Semiconductor DA9155M Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
DA9155M
2.5 A Companion Charger for rapid charging
General description
DA9155M offers a small solution that can be easily added on to existing main charger circuits and
solves the heat dissipation problem created when the rapid charging feature is adopted. DA9155M is
compatible to all rapid charging technologies such as Qualcomm Quick Charge™ 2.0 and 3.0 as well
as MediaTek PumpExpress™.
DA9155M features a Buck converter capable of 2.5 A constant output current and regulates the
output current with ±5% accuracy. Current sensing is performed with a fully integrated circuit.
The peak efficiency of the Buck converter is 92%.
Key features
Input voltage 4.3 -13.5 V
Input voltage monitoring
Buck converter with output current regulation
Output current 2.5 A
±5% current regulation accuracy
Selectable switching frequency
Fault detection (V
IN and VBAT monitoring)
Safety timer
Junction temperature monitoring
-40 to +85 °C temperature range
WLCSP, 0.4 mm pitch
Applications
Companion charger in smartphone and tablet
platforms
Datasheet
v3.05
22-July-2016
CFR0011-120-00 Rev 5
1 of 36
© 2016 Dialog Semiconductor


Similar Part No. - DA9155M

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DA9155M RENESAS-DA9155M Datasheet
702Kb / 38P
2.5 A Companion Charger for Rapid Charging
25-Feb-2022
DA9155M-XXU72 RENESAS-DA9155M-XXU72 Datasheet
702Kb / 38P
2.5 A Companion Charger for Rapid Charging
25-Feb-2022
More results

Similar Description - DA9155M

ManufacturerPart #DatasheetDescription
logo
NEC
UPD31172 NEC-UPD31172 Datasheet
278Kb / 9P
VRC4172TM COMPANION CHIP FOR VR4121TM
logo
California Micro Device...
CM2006 CALMIRCO-CM2006 Datasheet
143Kb / 6P
VGA Port Companion Circuit For Monitors
logo
Richtek Technology Corp...
RT9527 RICHTEK-RT9527 Datasheet
210Kb / 14P
Single Cell Li-Ion Battery Charger with Adjustable Charging Current for Portable Applications
logo
Texas Instruments
BQ25600C TI1-BQ25600C Datasheet
748Kb / 51P
I2C Controlled 3.0-A Single Cell Battery Charger for Parallel Charging Applications
BQ25910 TI1-BQ25910_18 Datasheet
1Mb / 59P
I2C Controlled 6-A Three-Level Switch Mode, Single-Cell Parallel Battery Charger for Fast Charging
logo
Hotchip Technology Co.,...
HT4349Q HOTCHIP-HT4349Q Datasheet
996Kb / 6P
A linear charging mode of the largest A linear charging mode. charging current can be passed.
logo
Tripp Lite. All Rights ...
U280-C01-25-1B TRIPPLITE-U280-C01-25-1B Datasheet
167Kb / 3P
USB Car Charger - 25W PD Charging, USB-C, Black
logo
Renesas Technology Corp
DA9155M RENESAS-DA9155M Datasheet
702Kb / 38P
2.5 A Companion Charger for Rapid Charging
25-Feb-2022
logo
TE Connectivity Ltd
2399992 TEC-2399992 Datasheet
614Kb / 2P
KIT ASSEMBLY, PLUG DOCKING, CHARGER AMR CHARGING CONNECTOR
Rev . A
logo
Silicon Mitus, Inc.
SM5440 SILICONMITUS-SM5440 Datasheet
162Kb / 2P
A Very High Efficiency Switched Capacitor 9A Charger with 13-bit ADC for Fast Charging
July 2021 Rev. 1.0.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com