Electronic Components Datasheet Search
  English  ▼

X  

A3940KLP Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # A3940KLP
Description  FULL-BRIDGE POWER MOSFET CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3940KLP Datasheet(HTML) 6 Page - Allegro MicroSystems

Back Button A3940KLP Datasheet HTML 2Page - Allegro MicroSystems A3940KLP Datasheet HTML 3Page - Allegro MicroSystems A3940KLP Datasheet HTML 4Page - Allegro MicroSystems A3940KLP Datasheet HTML 5Page - Allegro MicroSystems A3940KLP Datasheet HTML 6Page - Allegro MicroSystems A3940KLP Datasheet HTML 7Page - Allegro MicroSystems A3940KLP Datasheet HTML 8Page - Allegro MicroSystems A3940KLP Datasheet HTML 9Page - Allegro MicroSystems A3940KLP Datasheet HTML 10Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
3940
FULL-BRIDGE POWER
MOSFET CONTROLLER
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
6
ELECTRICAL CHARACTERISTICS: unless otherwise noted at T
A = -40°C to +135°C, TJ = -40°C to +150°C,
V
IN ≤
≤≤≤≤ V
BB = 7 V to 40 V, Cp = 0.47 µF, Cr = 1 µF, CREG5 = 0.1 µF, CREG13 = 10 µF, CBOOT = 0.1 µF, PWM = 22.5 kHz
square wave.
Limits
Characteristics
Symbol
Conditions
Min
Typ
Max
Units
Bootstrap Circuit
Diode Forward Current Limit
ICX
3 V < [(VREG13 = 13.5 V) - VCX] < 12 V
140
–
1000
mA
Diode Forward Drop
VF
IF = 10 mA
0.8
–
2.0
V
Diode Resistance
RF
RF(100) = [VF(150) - VF(50)]/100
1.5
–
6.5
Ω
Top-off CP Source Current at Cx
Icx
VCX - VSX = 8 V, VBB = 40 V, GHx = 1(no load)
40
–
–
µA
Fault Logic
VBB Undervoltage
V
BB(uv)
Decreasing V
BB
4.5
5.25
6.0
V
VBB Undervoltage Hysteresis
∆V
BB(uv)
V
BB(recovery) - VBB(uv)
200
450
700
mV
VREG13 Undervoltage
V
REG13(uv)
Decreasing V
IN
7.5
8.25
9.0
V
VREG13 Undervoltage Hyst.
∆V
REG13(uv)
V
REG13(recovery) - VREG13(uv)
200
450
700
mV
VBB Overvoltage
V
BB(ov)
Increasing V
BB, FAULT = 0 to 1, VOVSET = 0 V
16
19.6
22
V
Increasing V
BB, FAULT = 0 to 1, VOVSET = 0.45 V
24
28
30.5
V
Increasing V
BB, FAULT = 0 to 1, VOVSET = 0.9 V
32.5
36.4
39
V
VBB Overvoltage Hysteresis
∆V
BB(ov)
V
BB(ov) - VBB(recovery)
2.1
3.1
4.1
V
OVSET Input Current
I
SET(ov)
0 V < V
SET(ov) < 0.9 V
–
–
1.4
µA
VDSTH Input Current
I
DSTH
0.3 V < V
DSTH < 3 V
–
–
1.0
µA
Short-to-Ground Threshold
V
STG(th)
V
DSTH = 0.3 V
V
DSTH-0.14
–
V
DSTH+0.10
V
V
DSTH = 1.0 V
V
DSTH-0.18
–
V
DSTH+0.13
V
V
DSTH = 3.0 V
V
DSTH-0.39
–
V
DSTH+0.26
V
Short-to-Battery Threshold
V
STB(th)
V
DSTH = 0.3 V
V
DSTH-0.20
–
V
DSTH+0.30
V
V
DSTH = 1.0 V
V
DSTH-0.24
–
V
DSTH+0.30
V
V
DSTH = 3.0 V
V
DSTH-0.37
–
V
DSTH+0.30
V
V
DRAIN /Open Bridge Threshold
V
DO(th)
If V
DRAIN < VDO(th), FAULT = 0 to 1
1.0
–
3.0
V
V
DRAIN /Open Bridge Current
I
VDRAIN
RESET = 0
–
–
1.0
µA
RESET = 1, V
DSTH < 3 V
–
–
500
µA
Fault Latch Clear Pulsewidth
t
latch
RESET = 0, pulse
0.15
–
2.0
µs
Fault Clear Propagation Delay
t
pd
From RESET = 1 to FAULT = 0
–
2.0
–
µs
Fault Detection Noise Filter
t
noise
–
1.7
–
µs
Fault Output
V
out(0)
I
out = 5 mA, faults negated
–
–
0.4
V
I
out(1)
V
out = 5 V, open-drain, fault asserted
–
–
1.0
µA
Thermal Shutdown Temperature
T
J
T
J increasing
–
172
–
°C
Thermal Shutdown Hysteresis
∆T
J
T
J decreasing
–
12
–
°C
NOTES: Typical Data is for design information only.
Negative current is defined as coming out of (sourcing) the specified device terminal.
y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com