Electronic Components Datasheet Search
  English  ▼

X  

1SMA64AT3 Datasheet(PDF) 3 Page - ON Semiconductor

Part # 1SMA64AT3
Description  400 Watt Peak Power Zener Transient Voltage Suppressors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1SMA64AT3 Datasheet(HTML) 3 Page - ON Semiconductor

  1SMA64AT3 Datasheet HTML 1Page - ON Semiconductor 1SMA64AT3 Datasheet HTML 2Page - ON Semiconductor 1SMA64AT3 Datasheet HTML 3Page - ON Semiconductor 1SMA64AT3 Datasheet HTML 4Page - ON Semiconductor 1SMA64AT3 Datasheet HTML 5Page - ON Semiconductor 1SMA64AT3 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
1SMA5.0AT3 Series
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS
VRWM
Breakdown Voltage
VC @ IPP (Note 8)
Device
VRWM
(Note 6)
IR @ VRWM
VBR (Volts) (Note 7)
@ IT
VC
IPP
Device
Device
Marking
Volts
mA
Min
Nom
Max
mA
Volts
Amps
1SMA5.0AT3
QE
5.0
400
6.4
6.7
7.0
10
9.2
43.5
1SMA6.0AT3
QG
6.0
400
6.67
7.02
7.37
10
10.3
38.8
1SMA6.5AT3
QK
6.5
250
7.22
7.6
7.98
10
11.2
35.7
1SMA7.0AT3
QM
7.0
250
7.78
8.19
8.6
10
12.0
33.3
1SMA7.5AT3
QP
7.5
50
8.33
8.77
9.21
1
12.9
31.0
1SMA8.0AT3
QR
8.0
25
8.89
9.36
9.83
1
13.6
29.4
1SMA8.5AT3
QT
8.5
5.0
9.44
9.92
10.4
1
14.4
27.8
1SMA9.0AT3
QV
9.0
2.5
10
10.55
11.1
1
15.4
26.0
1SMA10AT3
QX
10
2.5
11.1
11.7
12.3
1
17.0
23.5
1SMA11AT3
QZ
11
2.5
12.2
12.85
13.5
1
18.2
22.0
1SMA12AT3
RE
12
2.5
13.3
14.0
14.7
1
19.9
20.1
1SMA13AT3
RG
13
2.5
14.4
15.15
15.9
1
21.5
18.6
1SMA14AT3
RK
14
2.5
15.6
16.4
17.2
1
23.2
17.2
1SMA15AT3
RM
15
2.5
16.7
17.6
18.5
1
24.4
16.4
1SMA16AT3, G*
RP
16
2.5
17.8
18.75
19.7
1
26.0
15.4
1SMA17AT3
RR
17
2.5
18.9
19.9
20.9
1
27.6
14.5
1SMA18AT3, G*
RT
18
2.5
20
21.05
22.1
1
29.2
13.7
1SMA20AT3
RV
20
2.5
22.2
23.35
24.5
1
32.4
12.3
1SMA22AT3
RX
22
2.5
24.4
25.65
26.9
1
35.5
11.3
1SMA24AT3
RZ
24
2.5
26.7
28.1
29.5
1
38.9
10.3
1SMA26AT3
SE
26
2.5
28.9
30.4
31.9
1
42.1
9.5
1SMA28AT3
SG
28
2.5
31.1
32.75
34.4
1
45.4
8.8
1SMA30AT3
SK
30
2.5
33.3
35.05
36.8
1
48.4
8.3
1SMA33AT3
SM
33
2.5
36.7
38.65
40.6
1
53.3
7.5
1SMA36AT3
SP
36
2.5
40
42.1
44.2
1
58.1
6.9
1SMA40AT3
SR
40
2.5
44.4
46.75
49.1
1
64.5
6.2
1SMA43AT3
ST
43
2.5
47.8
50.3
52.8
1
69.4
5.8
1SMA45AT3
SV
45
2.5
50
52.65
55.3
1
72.2
5.5
1SMA48AT3
SX
48
2.5
53.3
56.1
58.9
1
77.4
5.2
1SMA51AT3
SZ
51
2.5
56.7
59.7
62.7
1
82.4
4.9
1SMA54AT3
TE
54
2.5
60
63.15
66.3
1
87.1
4.6
1SMA58AT3
TG
58
2.5
64.4
67.8
71.5
1
93.6
4.3
1SMA60AT3
TK
60
2.5
66.7
70.2
73.7
1
96.8
4.1
1SMA64AT3
TM
64
2.5
71.1
74.85
78.6
1
103
3.9
1SMA70AT3
TP
70
2.5
77.8
81.9
86.0
1
113
3.5
1SMA75AT3
TR
75
2.5
83.3
87.7
92.1
1
121
3.3
1SMA78AT3
TS
78
2.5
86.7
91.25
95.8
1
126
3.2
6. A transient suppressor is normally selected according to the working peak reverse voltage (VRWM), which should be equal to or greater than
the DC or continuous peak operating voltage level
7. VBR measured at pulse test current IT at an ambient temperature of 25°C
8. Surge current waveform per Figure 2 and derate per Figure 3
* The “G” suffix indicates Pb−Free package available.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com