Electronic Components Datasheet Search
  English  ▼

X  

74HC164 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # 74HC164
Description  8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74HC164 Datasheet(HTML) 3 Page - Diodes Incorporated

  74HC164 Datasheet HTML 1Page - Diodes Incorporated 74HC164 Datasheet HTML 2Page - Diodes Incorporated 74HC164 Datasheet HTML 3Page - Diodes Incorporated 74HC164 Datasheet HTML 4Page - Diodes Incorporated 74HC164 Datasheet HTML 5Page - Diodes Incorporated 74HC164 Datasheet HTML 6Page - Diodes Incorporated 74HC164 Datasheet HTML 7Page - Diodes Incorporated 74HC164 Datasheet HTML 8Page - Diodes Incorporated 74HC164 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
74HC164
Document number: DS36279 Rev. 2- 2
3 of 10
www.diodes.com
March 2015
© Diodes Incorporated
74HC164
400
Timing Diagram
CP
DSA
MR
Q2
Q1
unknown
13
12
15
14
9
8
11
10
5
4
7
6
1
0
3
2
DSB
Q0
Q3
unknown
unknown
unknown
Q6
Q5
unknown
Q4
Q7
unknown
unknown
unknown
Reset
All Q=0
Reset
All Q=0
Notes:
5. All Q values are reset to LOW when
MR goes low. MR is asynchronous and overrides all other signals.
6. Serial data supplied at DSA and DSB is ANDED and transferred to Q0 on positive edge of CP.
.
Absolute Maximum Ratings (Note 7) (TA = +25°C, unless otherwise specified.)
Symbol
Description
Rating
Unit
ESD HBM
Human Body Model ESD Protection
2
kV
ESD CDM
Charged Device Model ESD Protection
1
kV
ESD MM
Machine Model ESD Protection
200
V
VCC
Supply Voltage Range
-0.5 to +7.0
V
VI
Input Voltage Range (Note 8)
-0.5 to +7.0
V
IIK
Input Clamp Current
VI < -0.5V or Vi > VCC +0.5V
±20
mA
IOK
Output Clamp Current
VO < -0.5V or VO > VCC +0.5V
±20
mA
IO
Continuous Output Current -0.5V < VO VCC +0.5V
+/- 25
mA
ICC
Continuous Current through Vcc
50
mA
IGND
Continuous Current through GND
-50
mA
TJ
Operating Junction Temperature
-40 to +150
°C
TSTG
Storage Temperature
-65 to +150
°C
PTOT
Total Power Dissipation
500
mW
Notes:
7. Stresses beyond the absolute maximum may result in immediate failure or reduced reliability. These are stress values and device operation should
be within recommend values.
8. Input Voltage cannot exceed Vcc to the extent the maximum clamp current is exceeded.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com