Electronic Components Datasheet Search
  English  ▼

X  

74LVC241A Datasheet(PDF) 2 Page - Diodes Incorporated

Part # 74LVC241A
Description  OCTAL BUFFER/LINE DRIVER WITH 3 STATE OUTPUTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC241A Datasheet(HTML) 2 Page - Diodes Incorporated

  74LVC241A Datasheet HTML 1Page - Diodes Incorporated 74LVC241A Datasheet HTML 2Page - Diodes Incorporated 74LVC241A Datasheet HTML 3Page - Diodes Incorporated 74LVC241A Datasheet HTML 4Page - Diodes Incorporated 74LVC241A Datasheet HTML 5Page - Diodes Incorporated 74LVC241A Datasheet HTML 6Page - Diodes Incorporated 74LVC241A Datasheet HTML 7Page - Diodes Incorporated 74LVC241A Datasheet HTML 8Page - Diodes Incorporated 74LVC241A Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
74LVC241A
Document number: DS35887 Rev. 1 - 2
2 of 10
www.diodes.com
July 2014
© Diodes Incorporated
74LVC241A
Ordering Information
74 LVC 241A xxx -13
Logic Device
Function
Package
Packing
74 : Logic Prefix
241 :
Octal
Buffer/Line
Driver with 3
State Outputs
T20 : TSSOP-20
-13 : 13” Tape & Reel
Q20 : QFN-20
Part Number
Package
Code
Package
(Note 4 & 5)
Package
Size
13” Tape and Reel
Quantity
Part Number Suffix
74LVC241AT20-13
T20
TSSOP-20
6.4mm X 6.5mm X 1.2mm
0.65 mm lead pitch
2500/Tape & Reel
-13
74LVC241AQ20-13
Q20
V-QFN4525-20
2.5mm X 4.5mm X 0.95mm
0.50 mm lead pitch
2500/Tape & Reel
-13
Notes:
4. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
5. V-QFN4525-20 is a JEDEC recognized naming convention that specifies the package thickness category as V and the number 4525 describes the
package as 4.5mm X 2.5mm.
Pin Descriptions
Pin Number
Pin Name
Description
1
1OE
Output Enable 1
2
1A1
Data Input
3
2Y4
Data Output
4
1A2
Data Input
5
2Y3
Data Output
6
1A3
Data Input
7
2Y2
Data Output
8
1A4
Data Input
9
2Y1
Data Output
10
GND
Ground
11
2A1
Data Input
12
1Y4
Data Output
13
2A2
Data Input
14
1Y3
Data Output
15
2A3
Data Input
16
1Y2
Data Output
17
2A4
Data Input
18
1Y1
Data Output
19
2OE
Output Enable 2
20
Vcc
Supply Voltage
Logic Diagram
1
1OE
1A2
16 1Y2
4
1A3
14 1Y3
6
1A4
12 1Y4
8
1A1
18 1Y1
2
19
2OE
2A2
7 2Y2
13
2A3
5 2Y3
15
2A4
3 2Y4
17
2A1
9 2Y1
11
Function Table
INPUTS
OUTPUTS
1OE
1An
1Yn
L
L
L
L
H
H
H
X
Z
INPUTS
OUTPUTS
2OE
2An
2Yn
H
L
L
H
H
H
L
X
Z



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com