Electronic Components Datasheet Search
  English  ▼

X  

74LVC374A Datasheet(PDF) 1 Page - Diodes Incorporated

Part # 74LVC374A
Description  OCTAL D-TYPE FLIP-FLOP WITH 3 STATE OUTPUTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC374A Datasheet(HTML) 1 Page - Diodes Incorporated

  74LVC374A Datasheet HTML 1Page - Diodes Incorporated 74LVC374A Datasheet HTML 2Page - Diodes Incorporated 74LVC374A Datasheet HTML 3Page - Diodes Incorporated 74LVC374A Datasheet HTML 4Page - Diodes Incorporated 74LVC374A Datasheet HTML 5Page - Diodes Incorporated 74LVC374A Datasheet HTML 6Page - Diodes Incorporated 74LVC374A Datasheet HTML 7Page - Diodes Incorporated 74LVC374A Datasheet HTML 8Page - Diodes Incorporated 74LVC374A Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
74LVC374A
Document number: DS35895 Rev. 1 - 2
1 of 10
www.diodes.com
June 2014
© Diodes Incorporated
74LVC374A
OCTAL D-TYPE FLIP-FLOP WITH 3 STATE OUTPUTS
Description
The 74LVC374A provides eight edge-triggered D-type flip-flops
featuring 3-state outputs designed specifically for driving highly
capacitive or relatively low-impedance loads. These devices are
particularly suitable for implementing buffer registers, input/output (I/O)
ports, bidirectional bus drivers, and working registers. On the positive
transition of the clock (CLK) input, the Q outputs are set to the logic
levels set up at the data (D) inputs. A buffered output-enable (OE)
input can be used to place the eight outputs in either a normal logic
state (high or low logic levels) or the high-impedance state. In the
high-impedance state, the outputs neither load nor drive the bus lines
significantly. The high-impedance state and increased drive provide
the capability to drive bus lines without interface or pullup components.
OE does not affect internal operations of the latch. Old data can be
retained or new data can be entered while the outputs are in the high-
impedance state.
The ‘374A is functionally identical to the ‘574A, but the’574 has a
different pin arrangement.
The device is designed for operation with a power supply range of
1.65V to 3.6V. The device is fully specified for partial power down
applications using IOFF.
Features
•
Supply Voltage Range from 1.65V to 3.6V
•
Sinks or Sources 24ma at VCC = 3V
•
CMOS Low Power Consumption
•
IOFF Supports Partial Power Down Operation
•
Inputs or Outputs Accept Up to 5.5V
•
Inputs Can Be Driven by 3.3V or 5V Allowing for Mixed Voltage
Applications
•
Schmitt Trigger Action at All Inputs
•
Typical VOLP (Quiet Output Ground Bounce) Less Than 0.8V with
VCC = 3.3V and TA = +25°C
•
Typical VOHV (Quiet Output dynamic VOH) Greater than 2.0V with
VCC = 3.3V and TA = +25°C
•
ESD Protection Tested per JESD 22
Exceeds 200-V Machine Model (A115)
Exceeds 2000-V Human Body Model (A114)
Exceeds 1000-V Charged Device Model (C101)
•
Latch-Up Exceeds 250mA per JESD 78, Class I
•
All devices are:
Totally Lead-Free & Fully RoHS compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
1
3
2
4
5
6
7
8
Vcc
(Top View )
TSSOP-20
GND
10
9
13
14
12
11
17
18
16
15
19
20
2D
1D
2Q
3Q
3D
4D
4Q
1Q
OE
7Q
7D
6Q
6D
5D
5Q
CLK
8D
8Q
Top Transparent View
3
2
4
5
6
7
8
9
13
14
12
17
18
16
15
19
8Q
7Q
7D
6Q
6D
5D
5Q
8D
2D
1D
2Q
3Q
3D
4D
4Q
1Q
QFN-20
(
)
terminal 1
index area
Applications
•
General Purpose Logic
•
Bus Driving
•
Power Down Signal Isolation
•
Wide array of products such as:
PCs, Notebooks, Netbooks, Ultrabooks
Networking Computer Peripherals, Hard Drives, CD/DVD
ROM
TV, DVD, DVR, Set Top Box
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen and Antimony free,
"Green" and Lead-Free.
3. Halogen and Antimony free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.


Similar Part No. - 74LVC374A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC374A PHILIPS-74LVC374A Datasheet
101Kb / 12P
Octal D-type flip-flop with 5-volt tolerant inputs/outputs; positive edge-trigger 3-State
1998 Jul 29
logo
STMicroelectronics
74LVC374A STMICROELECTRONICS-74LVC374A Datasheet
298Kb / 14P
OCTAL D-TYPE FLIP-FLOP HIGH PERFORMANCE
26-Jul-2004
logo
ON Semiconductor
74LVC374A ONSEMI-74LVC374A Datasheet
102Kb / 10P
Low-Voltage CMOS Octal Buffer
September, 2015 ??Rev. 1
74LVC374A ONSEMI-74LVC374A Datasheet
101Kb / 10P
Low-Voltage CMOS Octal D-Type Flip-Flop
April, 2016 ??Rev. 2
logo
Nexperia B.V. All right...
74LVC374A NEXPERIA-74LVC374A Datasheet
271Kb / 15P
Octal D-type flip-flop; 5 V tolerant inputs/outputs; positive-edge trigger; 3-state
Rev. 5 - 27 August 2021
More results

Similar Description - 74LVC374A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF40374B PHILIPS-HEF40374B Datasheet
84Kb / 7P
Octal D-type flip-flop with 3-state outputs
January 1995
logo
Fairchild Semiconductor
74ABT574 FAIRCHILD-74ABT574 Datasheet
120Kb / 10P
Octal D-Type Flip-Flop with 3-STATE Outputs
74AC374 FAIRCHILD-74AC374 Datasheet
107Kb / 10P
Octal D-Type Flip-Flop with 3-STATE Outputs
74AC574 FAIRCHILD-74AC574 Datasheet
100Kb / 9P
Octal D-Type Flip-Flop with 3-STATE Outputs
74VHC374 FAIRCHILD-74VHC374 Datasheet
209Kb / 9P
Octal D-Type Flip-Flop with 3-STATE Outputs
74AC374 FAIRCHILD-74AC374_08 Datasheet
436Kb / 14P
Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX374 ONSEMI-MC74LVX374_11 Datasheet
145Kb / 7P
Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
MC74LVX574 ONSEMI-MC74LVX574_11 Datasheet
144Kb / 7P
Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Fairchild Semiconductor
74ABT574CMTCX FAIRCHILD-74ABT574CMTCX Datasheet
123Kb / 10P
Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_14 Datasheet
117Kb / 7P
Octal D-Type Flip-Flop with 3-State Outputs
August, 2014 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com