Electronic Components Datasheet Search
  English  ▼

X  

74LVC573A Datasheet(PDF) 1 Page - Diodes Incorporated

Part # 74LVC573A
Description  OCTAL TRANSPARENT D-TYPE LATCH WITH 3 STATE OUTPUTS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC573A Datasheet(HTML) 1 Page - Diodes Incorporated

  74LVC573A Datasheet HTML 1Page - Diodes Incorporated 74LVC573A Datasheet HTML 2Page - Diodes Incorporated 74LVC573A Datasheet HTML 3Page - Diodes Incorporated 74LVC573A Datasheet HTML 4Page - Diodes Incorporated 74LVC573A Datasheet HTML 5Page - Diodes Incorporated 74LVC573A Datasheet HTML 6Page - Diodes Incorporated 74LVC573A Datasheet HTML 7Page - Diodes Incorporated 74LVC573A Datasheet HTML 8Page - Diodes Incorporated 74LVC573A Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
74LVC573A
Document number: DS35897 Rev. 2 - 2
1 of 11
www.diodes.com
May 2015
© Diodes Incorporated
74LVC573A
A
OCTAL TRANSPARENT D-TYPE LATCH WITH 3 STATE OUTPUTS
Description
The 74LVC573A provides eight transparent D-type latches. While
the latch-enable (LE) input is high, the Q outputs follow the data (D)
inputs. When LE is taken low, the Q outputs are latched at the logic
levels set up at the D inputs. A buffered output-enable (OE) input
can be used to place the eight outputs in either a normal logic state
(high or low logic levels) or the high-impedance state. In the high-
impedance state, the outputs neither load nor drive the bus lines
significantly. The high-impedance state and increased drive provide
the capability to drive bus lines without interface or pullup
components. OE does not affect the internal operations of the
latches. Old data can be retained or new data can be entered while
the outputs are in the high-impedance state.
These devices feature inputs and outputs on opposite sides of the
package that facilitate printed circuit board layout. The device is
designed for operation with a power supply range of 1.65V to 3.6V.
The inputs are tolerant to 5.5V allowing this device to be used in a
mixed voltage environment. The device is fully specified for partial
power down applications using IOFF. The IOFF circuitry disables the
output preventing damaging current backflow when the device is
powered down.
Features
Supply Voltage Range from 1.65V to 3.6V
Sinks or Sources 24mA at VCC = 3V
CMOS Low Power Consumption
IOFF Supports Partial-Power Down Operation
Inputs or Outputs Accept Up to 5.5V
Inputs Can Be Driven by 3.3V or 5V Allowing for Mixed Voltage
Applications
Schmitt Trigger Action at All Inputs
Typical VOLP (Quiet Output Ground Bounce) Less than 0.8V
with VCC = 3.3V and TA = +25°C
Typical VOHV (Quiet Output Dynamic VOH) Greater than 2.0V
with VCC = 3.3V and TA = +25°C
ESD Protection Tested per JESD 22
Exceeds 200-V Machine Model (A115)
Exceeds 2000-V Human Body Model (A114)
Exceeds 1000-V Charged Device Model (C101)
Latch-Up Exceeds 250mA per JESD 78, Class I
All devices are:
Totally Lead-Free & Fully RoHS compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
1
3
2
4
5
6
7
8
Vcc
( Top View )
TSSOP-20
GND
10
9
13
14
12
11
17
18
16
15
19
20
D2
D1
Q2
Q3
D3
D4
Q4
Q1
OE
Q7
D7
Q6
D6
D5
Q5
LE
D8
Q8
Top Transparent View
3
2
4
5
6
7
8
9
13
14
12
17
18
16
15
19
Q1
Q4
Q3
Q5
Q6
Q7
Q8
Q2
D3
D2
D4
D5
D6
D7
D8
D1
V-QFN4525-20
(
)
terminal
1
index
area
Applications
General Purpose Logic
Bus Driving
Power Down Signal Isolation
Wide Array of Products such as:
PCs, Notebooks, Netbooks, Ultrabooks
Networking Computer Peripherals, Hard Drives, CD/DVD
ROM
TV, DVD, DVR, Set Top Box
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen and Antimony free,
"Green" and Lead-Free.
3. Halogen and Antimony free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.


Similar Part No. - 74LVC573A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC573A PHILIPS-74LVC573A Datasheet
102Kb / 12P
Octal D-type transparent latch with 5-volt tolerant inputs/outputs 3-State
1998 Jul 29
logo
STMicroelectronics
74LVC573A STMICROELECTRONICS-74LVC573A Datasheet
272Kb / 13P
OCTAL D-TYPE LATCH HIGH PERFORMANCE
26-Jul-2004
logo
ON Semiconductor
74LVC573A ONSEMI-74LVC573A Datasheet
99Kb / 10P
Low-Voltage CMOS Octal Buffer Flow Through Pinout
September, 2015 ??Rev. 1
logo
Nexperia B.V. All right...
74LVC573A NEXPERIA-74LVC573A Datasheet
274Kb / 16P
Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Rev. 8 - 27 August 2021
74LVC573A-Q100 NEXPERIA-74LVC573A-Q100 Datasheet
261Kb / 16P
Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
More results

Similar Description - 74LVC573A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ACT11373 TI-74ACT11373 Datasheet
103Kb / 6P
OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH373 TI-SN74ALVCH373 Datasheet
215Kb / 12P
OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
DM74AS373 FAIRCHILD-DM74AS373 Datasheet
58Kb / 6P
Octal D-Type Transparent Latch with 3-STATE Outputs
DM74AS573 FAIRCHILD-DM74AS573 Datasheet
58Kb / 6P
Octal D-Type Transparent Latch with 3-STATE Outputs
logo
Texas Instruments
SN74LVC573 TI-SN74LVC573 Datasheet
83Kb / 6P
OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LV373A-Q1 TI1-SN74LV373A-Q1 Datasheet
215Kb / 10P
OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
74AC11373 TI1-74AC11373_14 Datasheet
260Kb / 11P
OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC573A-Q1 TI1-SN74LVC573A-Q1_15 Datasheet
1Mb / 15P
OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN54HC373-DIE TI1-SN54HC373-DIE Datasheet
114Kb / 5P
OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Diodes Incorporated
74LVC373A DIODES-74LVC373A Datasheet
473Kb / 10P
OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com