Electronic Components Datasheet Search
  English  ▼

X  

AD9235 Datasheet(PDF) 2 Page - Analog Devices

Part # AD9235
Description  12-Bit, 20/40/65 MSPS 3 V A/D Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9235 Datasheet(HTML) 2 Page - Analog Devices

  AD9235 Datasheet HTML 1Page - Analog Devices AD9235 Datasheet HTML 2Page - Analog Devices AD9235 Datasheet HTML 3Page - Analog Devices AD9235 Datasheet HTML 4Page - Analog Devices AD9235 Datasheet HTML 5Page - Analog Devices AD9235 Datasheet HTML 6Page - Analog Devices AD9235 Datasheet HTML 7Page - Analog Devices AD9235 Datasheet HTML 8Page - Analog Devices AD9235 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
REV. B
–2–
AD9235–SPECIFICATIONS
DC SPECIFICATIONS
Test
AD9235BRU-20
AD9235BRU-40
AD9235BRU/BCP-65
Parameter
Temp
Level
Min Typ
Max
Min Typ
Max
Min Typ
Max
Unit
RESOLUTION
Full
VI
12
12
12
Bits
ACCURACY
No Missing Codes Guaranteed
Full
VI
12
12
12
Bits
Offset Error
Full
VI
±0.30 ±1.20
±0.50 ±1.20
±0.50 ±1.20
% FSR
Gain Error
1
Full
VI
±0.30 ±2.40
±0.50 ±2.50
±0.50 ±2.60
% FSR
Differential Nonlinearity (DNL)
2
Full
IV
±0.35 ±0.65
±0.35 ±0.75
±0.40 ±0.80
LSB
25
°CI
±0.35
±0.35
±0.35
LSB
Integral Nonlinearity (INL)
2
Full
IV
±0.45 ±0.80
±0.50 ±0.90
±0.70 ±1.30
LSB
25
°CI
±0.40
±0.40
±0.45
LSB
TEMPERATURE DRIFT
Offset Error
Full
V
±2
±2
±3
ppm/
°C
Gain Error
1
Full
V
±12
±12
±12
ppm/
°C
INTERNAL VOLTAGE
REFERENCE
Output Voltage Error (1 V Mode)
Full
VI
±5
±35
±5
±35
±5
±35
mV
Load Regulation @ 1.0 mA
Full
V
0.8
0.8
0.8
mV
Output Voltage Error (0.5 V Mode)
Full
V
±2.5
±2.5
±2.5
mV
Load Regulation @ 0.5 mA
Full
V
0.1
0.1
0.1
mV
INPUT REFERRED NOISE
VREF = 0.5 V
25
°CV
0.54
0.54
0.54
LSB rms
VREF = 1.0 V
25
°CV
0.27
0.27
0.27
LSB rms
ANALOG INPUT
Input Span, VREF = 0.5 V
Full
IV
1
1
1
V p-p
Input Span, VREF = 1.0 V
Full
IV
2
2
2
V p-p
Input Capacitance
3
Full
V
7
7
7
pF
REFERENCE INPUT
RESISTANCE
Full
V
7
7
7
k
Ω
POWER SUPPLIES
Supply Voltages
AVDD
Full
IV
2.7
3.0
3.6
2.7
3.0
3.6
2.7
3.0
3.6
V
DRVDD
Full
IV
2.25 3.0
3.6
2.25 3.0
3.6
2.25 3.0
3.6
V
Supply Current
IAVDD
2
Full
V
30
55
100
mA
IDRVDD
2
Full
V
2
5
7
mA
PSRR
Full
V
±0.01
±0.01
±0.01
% FSR
POWER CONSUMPTION
DC Input
4
Full
V
90
165
300
mW
Sine Wave Input
2
Full
VI
95
110
180
205
320
350
mW
Standby Power
5
Full
V
1.0
1.0
1.0
mW
NOTES
1Gain error and gain temperature coefficient are based on the ADC only (with a fixed 1.0 V external reference).
2Measured at maximum clock rate, f
IN = 2.4 MHz, full-scale sine wave, with approximately 5 pF loading on each output bit.
3Input capacitance refers to the effective capacitance between one differential input pin and AGND. Refer to Figure 2 for the equivalent analog input structure.
4Measured with dc input at maximum clock rate.
5Standby power is measured with a dc input, the CLK pin inactive (i.e., set to AVDD or AGND).
Specifications subject to change without notice.
(AVDD = 3 V, DRVDD = 2.5 V, Maximum Sample Rate, 2 V p-p Differential Input,
1.0 V internal reference, TMIN to TMAX, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com