Electronic Components Datasheet Search
  English  ▼

X  

AD15700 Datasheet(PDF) 39 Page - Analog Devices

Part # AD15700
Description  1 MSPS 16-/14-Bit Analog I/O Port
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD15700 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD15700 Datasheet HTML 35Page - Analog Devices AD15700 Datasheet HTML 36Page - Analog Devices AD15700 Datasheet HTML 37Page - Analog Devices AD15700 Datasheet HTML 38Page - Analog Devices AD15700 Datasheet HTML 39Page - Analog Devices AD15700 Datasheet HTML 40Page - Analog Devices AD15700 Datasheet HTML 41Page - Analog Devices AD15700 Datasheet HTML 42Page - Analog Devices AD15700 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
REV. A
AD15700
–39–
Decoding Multiple DACs
The
CS_DAC pin of the DAC can be used to select one of a
number of DACs. All devices receive the same serial clock and
serial data, but only one device will receive the
CS_DAC signal
at any one time. The DAC addressed will be determined by the
decoder. There will be some digital feedthrough from the digital
input lines. Using a burst clock will minimize the effects of digital
feedthrough on the analog signal channels. Figure 38 shows a
typical circuit.
CS_DAC
VOUT
DAC
SCLK
DIN
SCLK
DIN
ENABLE
CODED
ADDRESS
DGND
VDD
DECODER
EN
CS_DAC
VOUT
DAC
SCLK
DIN
CS_DAC
VOUT
DAC
SCLK
DIN
CS_DAC
VOUT
DAC
SCLK
DIN
Figure 38. Addressing Multiple DACs
AMPLIFIER THEORY OF OPERATION
The amplifiers are single and dual versions of high speed, low
power voltage feedback amplifiers featuring an innovative archi-
tecture that maximizes the dynamic range capability on the inputs
and outputs. Linear input common-mode range exceeds either
supply voltage by 200 mV, and the amplifiers show no phase
reversal up to 500 mV beyond supply. The output swings to
within 20 mV of either supply when driving a light load; 300 mV
when driving up to 5 mA.
The amplifier provides an impressive 80 MHz bandwidth when
used as a follower and 30 V/ms slew rate at only 800 mA supply
current. Careful design allows the amplifier to operate with a
supply voltage as low as 2.7 V.
Input Stage Operation
A simplified schematic of the input stage appears in Figure 39.
For common-mode voltages up to 1.1 V within the positive supply,
(0 V to 3.9 V on a single 5 V supply) tail current I2 flows through
the PNP differential pair, Q13 and Q17. Q5 is cut off; no bias
current is routed to the parallel NPN differential pair Q2 and Q3.
As the common-mode voltage is driven within 1.1 V of the positive
supply, Q5 turns on and routes the tail current away from the PNP
pair and to the NPN pair. During this transition region, the
amplifier’s input current will change magnitude and direction.
Reusing the same tail current ensures that the input stage has
the same transconductance (which determines the amplifier’s
gain and bandwidth) in both regions of operation.
Switching to the NPN pair as the common-mode voltage is
driven beyond 1 V within the positive supply allows the amplifier
to provide useful operation for signals at either end of the supply
voltage range and eliminates the possibility of phase reversal for
input signals up to 500 mV beyond either power supply. Offset
voltage will also change to reflect the offset of the input pair in
control. The transition region is small, on the order of 180 mV.
These sudden changes in the dc parameters of the input stage
can produce glitches that will adversely affect distortion.
?
?
1.1V
VIN
Q5
Q9
VIP
R6
850
R7
850
Q13
Q17
Q18
Q4
Q14
44
4
1
1
1
1
4
VEE
I1
5mA
I2
90mA
I3
25mA
I4
25mA
Q8
Q6
Q2
Q3
R9
850
R8
850
R5
50k
Q15
Q16
Q11
Q7
Q10
R2
2k
R4
2k
R3
2k
?
VCC
R1
2k
OUTPUT STAGE,
COMMON-MODE
FEEDBACK
?
Figure 39. Simplified Schematic of Input Stage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com