Electronic Components Datasheet Search
  English  ▼

X  

ADE7758ARW Datasheet(PDF) 51 Page - Analog Devices

Part # ADE7758ARW
Description  Poly Phase Multifunction Energy Metering IC with Per Phase Information
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7758ARW Datasheet(HTML) 51 Page - Analog Devices

Back Button ADE7758ARW Datasheet HTML 47Page - Analog Devices ADE7758ARW Datasheet HTML 48Page - Analog Devices ADE7758ARW Datasheet HTML 49Page - Analog Devices ADE7758ARW Datasheet HTML 50Page - Analog Devices ADE7758ARW Datasheet HTML 51Page - Analog Devices ADE7758ARW Datasheet HTML 52Page - Analog Devices ADE7758ARW Datasheet HTML 53Page - Analog Devices ADE7758ARW Datasheet HTML 54Page - Analog Devices ADE7758ARW Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 68 page
background image
ADE7758
Rev. A | Page 51 of 68
STEP 1
SET LCYCMODE,
LINECYC AND MASK
REGISTERS
STEP 2
SET UP SYSTEM
FOR ITEST, VNOM
@ PF = 1
STEP 3
RESET STATUS
REGISTER
STEP 4
READ ALL
XWATTHR
REGISTERS AFTER
LENERGY
INTERRUPT
STEP 5
SET UP SYSTEM
FOR IMIN, VNOM @
PF = 1
END
FOR STEP 10
READ ALL XVARHR
AFTER LENERGY
INTERRUPT
FOR STEP 10, CALCULATE
XVAROS FOR ALL PHASES
YES
NO
TESTED @ IMIN?
STEP 7
CALCULATE
XWATTOS FOR ALL
PHASES
FOR STEP 10, WRITE TO
ALL XVAROS REGISTERS
FOR STEP 10,
PF = 0
STEP 8
WRITE TO ALL
XWATTOS
REGISTERS
STEP 9
SET UP SYSTEM
FOR ITEST, VNOM @
PF = 0
STEP 10
REPEAT STEP 3 TO
STEP 8 FOR
XVARHR, XVAROS
CALIBRATION
STEP 6
Figure 83. Power Offset Calibration Using Line Accumulation
Step 1: If the values were changed after gain calibration, Step 1,
Step 3, and Step 4 from the gain calibration should be repeated
to configure the LCYCMODE, LINECYC, and MASK registers.
Step 2: Set the test system for ITEST, VNOM, and unity power factor.
Step 3: Reset the interrupt status register by reading RSTATUS
(0x1A).
Step 4: Read all xWATHR energy registers (0x01 to 0x03) after
the LENERGY interrupt and store the values.
Step 4a: Read the FREQ (0x10) register if the frequency is
unknown.
Step 5: Set the test system for IMIN, VNOM, and unity power factor.
Step 6: Repeat Step 3 and Step 4.
Step 7: Calculate the value to be written to the xWATTOS
registers according to the following equations.
TEST
MIN
MIN
I
TEST
I
I
I
I
xWATTHR
I
xWATTHR
Offset
TEST
MIN
–
–
×
×
=
(52)
[]
29
2
4
0
:
11
×
×
×
=
CLKIN
AccumTime
Offset
xWATTOS
(53)
where Accumulation Time is defined in Equation 43 and
xWATTHRITEST is the value in the energy register at ITEST, and
xWATTHRIMIN is the value in the energy register at IMIN.
Step 8: Write to all xWATTOS registers (0x39 to 0x3B).
Step 9: Set the test system for ITEST, VNOM, and zero power factor
(calibrate VAR gain).
Step 10: Repeat Steps 3, 4, and 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com