Electronic Components Datasheet Search
  English  ▼

X  

LA6581DM Datasheet(PDF) 2 Page - ON Semiconductor

Part # LA6581DM
Description  Fan Motor Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LA6581DM Datasheet(HTML) 2 Page - ON Semiconductor

  LA6581DM Datasheet HTML 1Page - ON Semiconductor LA6581DM Datasheet HTML 2Page - ON Semiconductor LA6581DM Datasheet HTML 3Page - ON Semiconductor LA6581DM Datasheet HTML 4Page - ON Semiconductor LA6581DM Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LA6581DM
No.A2264-2/5
Recommended Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VCC
2.2 to 16
V
Common-phase input voltage range of
Hall input
VICM
0.3 to VCC-1.5
V
Electrical Characteristics at Ta = 25
°C, VCC = 12.0V, unless especially specified.
Parameter
Symbol
Conditions
Ratings
Unit
min
Typ
Max
Circuit Current
ICC
IN- = 5.8V, IN+ = 6.0V, RL = ∞
14
19
mA
OUT output low voltage
VOL
IO = 100mA
0.1
0.2
V
OUT output high voltage
VOH
IO = 100mA
0.1
0.2
V
Hall bias voltage
VHB
RH = 360
Ω +91Ω
1.85
1.95
2.05
V
Hall amplifier gain
Vg
52
55
58
dB
Hall amplifier input current
VINR
-10
-2
+10
μA
FG output low voltage
VFG
IFG = 3mA
0.2
0.3
V
FG output leakage current
IFGL
VFG = 7V
30
μA
Thermal protection circuit
Th
* Design guarantee
150
180
200
°C
*: These values are design guarantee values, and are not tested.
Truth Table
IN-
IN+
OUT1
OUT2
FG
mode
H
L
H
L
L
During rotation
L
H
L
H
Off
-
-
Off
Off
-
During overheat protection
Pd-Ta
90
120
0
500
400
300
200
100
Pd max -- Ta
160
With specified board



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com