Electronic Components Datasheet Search
  English  ▼

X  

ADV7181BCP Datasheet(PDF) 17 Page - Analog Devices

Part # ADV7181BCP
Description  Multiformat SDTV Video Decoder
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7181BCP Datasheet(HTML) 17 Page - Analog Devices

Back Button ADV7181BCP Datasheet HTML 13Page - Analog Devices ADV7181BCP Datasheet HTML 14Page - Analog Devices ADV7181BCP Datasheet HTML 15Page - Analog Devices ADV7181BCP Datasheet HTML 16Page - Analog Devices ADV7181BCP Datasheet HTML 17Page - Analog Devices ADV7181BCP Datasheet HTML 18Page - Analog Devices ADV7181BCP Datasheet HTML 19Page - Analog Devices ADV7181BCP Datasheet HTML 20Page - Analog Devices ADV7181BCP Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 96 page
background image
ADV7181B
Rev. 0 | Page 17 of 96
GLOBAL STATUS REGISTERS
Four registers provide summary information about the video
decoder. The IDENT register allows the user to identify the
revision code of the ADV7181B. The other three registers
contain status bits from the ADV7181B.
IDENTIFICATION
IDENT[7:0] Address 0x11 [7:0]
The register identification of the revision of the ADV7181B.
An identification value of 0x11 indicates the ADV7181, released
silicon.
An identification value of 0x13 indicates the ADV7181B.
STATUS 1
STATUS_1[7:0] Address 0x10 [7:0]
This read-only register provides information about the internal
status of the ADV7181B.
See CIL[2:0] Count Into Lock, Address 0x51 [2:0] and COL[2:0
Count Out of Lock, Address 0x51 [5:3] for information on the
timing.
Depending on the setting of the FSCLE bit, the Status 0 and
Status 1 are based solely on horizontal timing info or on the
horizontal timing and lock status of the color subcarrier. See the
FSCLE Fsc Lock Enable, Address 0x51 [7] section.
AUTODETECTION RESULT
AD_RESULT[2:0] Address 0x10 [6:4]
The AD_RESULT[2:0] bits report back on the findings from the
ADV7181B autodetection block. Consult the General Setup
section for more information on enabling the autodetection
block, and the Autodetection of SD Modes section to find out
how to configure it.
Table 13. AD_RESULT Function
AD_RESULT[2:0]
Description
000
NTSM-MJ
001
NTSC-443
010
PAL-M
011
PAL-60
100
PAL-BGHID
101
SECAM
110
PAL-Combination N
111
SECAM 525
Table 14. STATUS 1 Function
STATUS 1 [7:0]
Bit Name
Description
0
IN_LOCK
In lock (right now).
1
LOST_LOCK
Lost lock (since last read of this register).
2
FSC_LOCK
Fsc locked (right now).
3
FOLLOW_PW
AGC follows peak white algorithm.
4
AD_RESULT.0
Result of autodetection.
5
AD_RESULT.1
Result of autodetection.
6
AD_RESULT.2
Result of autodetection.
7
COL_KILL
Color kill active.
STATUS 2
STATUS_2[7:0], Address 0x12 [7:0]
Table 15. STATUS 2 Function
STATUS 2 [7:0]
Bit Name
Description
0
MVCS DET
Detected Macrovision color striping.
1
MVCS T3
Macrovision color striping protection. Conforms to Type 3 (if high), and Type 2 (if low).
2
MV_PS DET
Detected Macrovision pseudo Sync pulses.
3
MV_AGC DET
Detected Macrovision AGC pulses.
4
LL_NSTD
Line length is nonstandard.
5
FSC_NSTD
Fsc frequency is nonstandard.
6
Reserved
7
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com