Electronic Components Datasheet Search
  English  ▼

X  

ADV7181BBCPZ Datasheet(PDF) 11 Page - Analog Devices

Part # ADV7181BBCPZ
Description  Multiformat SDTV Video Decoder
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7181BBCPZ Datasheet(HTML) 11 Page - Analog Devices

Back Button ADV7181BBCPZ Datasheet HTML 7Page - Analog Devices ADV7181BBCPZ Datasheet HTML 8Page - Analog Devices ADV7181BBCPZ Datasheet HTML 9Page - Analog Devices ADV7181BBCPZ Datasheet HTML 10Page - Analog Devices ADV7181BBCPZ Datasheet HTML 11Page - Analog Devices ADV7181BBCPZ Datasheet HTML 12Page - Analog Devices ADV7181BBCPZ Datasheet HTML 13Page - Analog Devices ADV7181BBCPZ Datasheet HTML 14Page - Analog Devices ADV7181BBCPZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 96 page
background image
ADV7181B
Rev. 0 | Page 11 of 96
Pin No.
Mnemonic
Type
Function
21
XTAL1
O
This pin should be connected to the 27 MHz crystal or left as a no connect if an external
3.3 V, 27 MHz clock oscillator source is used to clock the ADV7181B. In crystal mode, the
crystal must be a fundamental crystal.
29
PWRDN
I
A logic low on this pin places the ADV7181B in a power-down mode. Refer to the I2C
Register Maps section for more options on power-down modes for the ADV7181B.
30
ELPF
I
The recommended external loop filter must be connected to this ELPF pin, as shown in
Figure 44.
9
SFL
O
Subcarrier Frequency Lock. This pin contains a serial output stream that can be used to lock
the subcarrier frequency when this decoder is connected to any Analog Devices digital
video encoder.
41
REFOUT
O
Internal Voltage Reference Output. Refer to Figure 44 for a recommended capacitor
network for this pin.
42
CML
O
The CML pin is a common-mode level for the internal ADCs. Refer to Figure 44 for a
recommended capacitor network for this pin.
38, 39
CAPY1, CAPY2
I
ADC’s Capacitor Network. Refer to Figure 44 for a recommended capacitor network for
this pin.
44
CAPC2
I
ADC’s Capacitor Network. Refer to Figure 44 for a recommended capacitor network for
this pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com