Electronic Components Datasheet Search
  English  ▼

X  

REC16L Datasheet(PDF) 2 Page - Copal Electronics

Part # REC16L
Description  MANUAL SETTING TYPE OPTICAL ENCODERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

REC16L Datasheet(HTML) 2 Page - Copal Electronics

  REC16L Datasheet HTML 1Page - Copal Electronics REC16L Datasheet HTML 2Page - Copal Electronics REC16L Datasheet HTML 3Page - Copal Electronics REC16L Datasheet HTML 4Page - Copal Electronics REC16L Datasheet HTML 5Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
REC16K/REC16L/REC16M
OPTICAL ENCODERS
Note) Manual setting only.
Click torque
Click number
Shaft loading (Pull-push)
Switch operation force
Switch stroke
Rotational life (Mechanical)
Switching life
Shaft loading
(When mounting)
Radial
Axial
Net weight
Strength of tighten screw
Operating temp. range
Storage temp. range
Protection grade
Input voltage
Input current
Output wave form
Output phases
(P/R)
Resolution
Phase difference of outputs A & B
Maximum frequency response
Output signal
“1 (High)”
“0 (Low)”
Light source
■ STANDARD SPECIFICATIONS
DC5
± 5 %
30 mA maximum
Square wave
A, B
25
90°
± 45°
100 Hz
+ 4.5 V minimum
+ 0.5 V maximum
LED
Maximum contact rating
Contact resistance
DC15 V, 20 mA
2
Ω maximum
(Initial value)
O Electrical characteristics
O Switch characteristics
Click spot for 25P/R
O Mechanical characteristics
7.35 mN·m
± 2.5 maximum
(75
± 25 gf·cm)
〈REC:With click〉
25
19.6 N maximum (2 kgf)
2.45
± 1.47 N (250 ± 150 gf)
0.3
± 0.2 mm
2 million cycles
1 million cycles
4.90 N maximum (500 gf)
2.94 N maximum (300 gf)
Approx. 12 g
1 N·m {10.2 kgf·cm} maximum
O Environmental characteristics
0 ~ 50 °C
– 20 ~ 80 °C
IP40
■ OUTPUT
Output “A”
Output “B”
ab
CW
Click spot
a, b, c, d
≧ 100 s
cd
The click spot is located somewhere outputs
A & B are at Lo level.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com