Electronic Components Datasheet Search
  English  ▼

X  

LM109 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM109
Description  5-Volt Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM109 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM109 Datasheet HTML 1Page - National Semiconductor (TI) LM109 Datasheet HTML 2Page - National Semiconductor (TI) LM109 Datasheet HTML 3Page - National Semiconductor (TI) LM109 Datasheet HTML 4Page - National Semiconductor (TI) LM109 Datasheet HTML 5Page - National Semiconductor (TI) LM109 Datasheet HTML 6Page - National Semiconductor (TI) LM109 Datasheet HTML 7Page - National Semiconductor (TI) LM109 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Typical Performance Characteristics (Continued)
Typical Applications
Quiescent Current
DS007138-28
Quiescent Current
DS007138-29
Output Voltage Noise
DS007138-30
Line Transient Response
DS007138-31
Load Transient Response
DS007138-32
Fixed 5V Regulator
DS007138-2
*Required if regulator is located more than 4" from power supply filter
capacitor.
†Although no output capacitor is needed for stability, it does improve
transient response.
C2 should be used whenever long wires are used to connect to the load,
or when transient response is critical.
Note: Pin 3 electrically connected to case.
Adjustable Output Regulator
DS007138-4
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com