Electronic Components Datasheet Search
  English  ▼

X  

U200036 Datasheet(PDF) 1 Page - E-SWITCH

Part # U200036
Description  ALL DIMESNIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

U200036 Datasheet(HTML) 1 Page - E-SWITCH

  U200036 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
RDTAR08R2T
2:1
7/9/2015
U200036
A
MW
1
1
C
PCB LAYOUT
4
C
1
2
4
C
C
2
1
7
4
5
6
0
C
2
1
2 4
1
8
3
REAL CODED
A
21908
RELEASE TO PRODUCTION
7/9/15
MW
10.00
[.394 in]
10.00
[.394 in]
NOTES:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X =
0.4
X.XX =
0.25
3. TERMINAL NUMBERS FOR REFERENCE ONLY
4. OPERATING TORQUE: 700gf MAX.
5. CONTACT RATING: 150mA, 42V DC (SWITCHING)
200mA 42V DC (NON-SWITCHING)
6. CONTACT RESISTANCE: 80mW MAX.
7. INSULATION RESISTANCE: 100MW MIN @ 250VDC
8. DIELECTRIC STRENGTH: 250VAC 1 MIN.
9. LIFE: 10,000 STEPS
10. OPERATING TEMPERATURE: -40 C TO 85 C
11. PACKAGING: 50 PCS TUBE
12. IP RATING: IP67
13.
DENOTES CRITICAL PARAMETER
14. 2002/95/EC (ROHS) COMPLIANT
2.54
[.100 in]
2.20
[.087 in]
3.50
[.138 in]
2.54
[.100 in]
.54
[.021 in]
.20
[.008 in]
2.54
[.100 in]
2.54
[.100 in]
1.00
[.039 in]
6.80
[.268 in]
9.80
[.386 in]
4.60
[.181 in]


Similar Part No. - U200036

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
U200030 E-SWITCH-U200030 Datasheet
143Kb / 1P
ALL DIMENSIONS IN MM [INCH]
U200031 E-SWITCH-U200031 Datasheet
81Kb / 1P
ALL DIMENSIONS IN MM [INCH]
U200032 E-SWITCH-U200032 Datasheet
95Kb / 1P
ALL DIMENSIONS IN MM [INCH]
U200033 E-SWITCH-U200033 Datasheet
98Kb / 1P
ALL DIMENSIONS IN MM [INCH]
U200034 E-SWITCH-U200034 Datasheet
97Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - U200036

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
04-SRT10RA E-SWITCH-04-SRT10RA Datasheet
216Kb / 1P
ALL DIMESNIONS IN MM [INCH]
04-SRT16RC E-SWITCH-04-SRT16RC Datasheet
112Kb / 1P
ALL DIMESNIONS IN MM [INCH]
06-DR3M10RB E-SWITCH-06-DR3M10RB Datasheet
85Kb / 1P
ALL DIMESNIONS IN MM [INCH]
Q950115 E-SWITCH-Q950115 Datasheet
185Kb / 1P
ALL DIMESNIONS IN MM [INCH]
Q970149 E-SWITCH-Q970149 Datasheet
171Kb / 1P
ALL DIMESNIONS IN MM [INCH]
Q970156 E-SWITCH-Q970156 Datasheet
192Kb / 1P
ALL DIMESNIONS IN MM [INCH]
U100006 E-SWITCH-U100006 Datasheet
142Kb / 1P
ALL DIMESNIONS IN MM [INCH]
U100017 E-SWITCH-U100017 Datasheet
181Kb / 1P
ALL DIMESNIONS IN MM [INCH]
U200035 E-SWITCH-U200035 Datasheet
163Kb / 1P
ALL DIMESNIONS IN MM [INCH]
U200040 E-SWITCH-U200040 Datasheet
173Kb / 1P
ALL DIMESNIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com