Electronic Components Datasheet Search
  English  ▼

X  

BFP460 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BFP460
Description  Low Noise Silicon Bipolar RF Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP460 Datasheet(HTML) 2 Page - Infineon Technologies AG

  BFP460_13 Datasheet HTML 1Page - Infineon Technologies AG BFP460_13 Datasheet HTML 2Page - Infineon Technologies AG BFP460_13 Datasheet HTML 3Page - Infineon Technologies AG BFP460_13 Datasheet HTML 4Page - Infineon Technologies AG BFP460_13 Datasheet HTML 5Page - Infineon Technologies AG BFP460_13 Datasheet HTML 6Page - Infineon Technologies AG BFP460_13 Datasheet HTML 7Page - Infineon Technologies AG BFP460_13 Datasheet HTML 8Page - Infineon Technologies AG BFP460_13 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2013-09-13
BFP460
2
Thermal Resistance
Parameter
Symbol
Value
Unit
Junction - soldering point1)
RthJS
250
K/W
Electrical Characteristics
at TA = 25 °C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Collector-emitter breakdown voltage
IC = 1 mA, IB = 0
V(BR)CEO 4.5
5.8
-
V
Collector-emitter cutoff current
VCE = 15 V, VBE = 0
VCE = 2 V, VBE = 0
VCE = 5 V, VBE = 0 , TA = 85°C
Verified by random sampling
ICES
-
-
-
-
1
2
1000
30
40
nA
Collector-base cutoff current
VCB = 2 V, IE = 0
VCB = 5 V, IE = 0
ICBO
-
-
1
-
30
30
Emitter-base cutoff current
VEB = 0,5 V, IC = 0
IEBO
-
1
500
DC current gain
VCE = 3 V, IC = 20 mA , pulse measured
hFE
90
120
160
-
1For the definition of RthJS please refer to Application Note AN077 (Thermal Resistance Calculation)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com