Electronic Components Datasheet Search
  English  ▼

X  

MBA02040C5GC100 Datasheet(PDF) 14 Page - Vishay Siliconix

Part # MBA02040C5GC100
Description  Professional Thin Film Leaded Resistors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBA02040C5GC100 Datasheet(HTML) 14 Page - Vishay Siliconix

Back Button MBA02040C5GC100 Datasheet HTML 7Page - Vishay Siliconix MBA02040C5GC100 Datasheet HTML 8Page - Vishay Siliconix MBA02040C5GC100 Datasheet HTML 9Page - Vishay Siliconix MBA02040C5GC100 Datasheet HTML 10Page - Vishay Siliconix MBA02040C5GC100 Datasheet HTML 11Page - Vishay Siliconix MBA02040C5GC100 Datasheet HTML 12Page - Vishay Siliconix MBA02040C5GC100 Datasheet HTML 13Page - Vishay Siliconix MBA02040C5GC100 Datasheet HTML 14Page - Vishay Siliconix MBA02040C5GC100 Datasheet HTML 15Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
MBA/SMA 0204, MBB/SMA 0207, MBE/SMA 0414 - Professional
www.vishay.com
Vishay Beyschlag
Revision: 02-Nov-15
14
Document Number: 28766
For technical questions, contact: filmresistorsleaded@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
HISTORICAL 12NC INFORMATION
• The resistors had a 12-digit numeric code starting with
2312
• The subsequent 4 digits indicated the resistor type,
specification and packaging; see the 12NC table
• The remaining 4 digits indicated the resistance value:
- the first 3 digits indicated the resistance value
- the last digit indicated the resistance decade in
accordance with resistance decade table
Resistance Decade
Historical 12NC Example
The 12NC code of a MBA 0204 resistor, value 47.5 k
Ω and
TCR 50 with ± 1 % tolerance, supplied on bandolier in a box
of 5000 units was: 2312 905 14753.
RESISTANCE DECADE
LAST DIGIT
0.1
Ω to 0.999 Ω
7
1
Ω to 9.99 Ω
8
10
Ω to 99.9 Ω
9
100
Ω to 999 Ω
1
1 k
Ω to 9.99 kΩ
2
10 k
Ω to 99.9 kΩ
3
100 k
Ω to 999 kΩ
4
1 M
Ω to 9.99 MΩ
5
10 M
Ω to 99.9 MΩ
6
HISTORICAL 12NC - Resistor Type and Packaging
DESCRIPTION
2312 ... .....
AMMOPACK
REEL
TYPE
TCR
TOL.
C1 1000 units
CT 5000 units
R1 1000 units
R2 2500 units
RP 5000 units
MBA 0204
± 50 ppm/K
± 5 %
900 3....
905 3....
700 3....
-
805 3....
± 1 %
900 1....
905 1....
700 1....
-
805 1....
± 0.5 %
900 5....
905 5....
700 5....
-
805 5....
± 25 ppm/K
± 1 %
901 1....
906 1....
701 1....
-
806 1....
± 0.5 %
901 5....
906 5....
701 5....
-
806 5....
Jumper
-
900 90001
905 90001
700 90001
-
805 90001
MBB 0207
± 50 ppm/K
± 5 %
910 3....
915 3....
710 3....
-
815 3....
± 1 %
910 1....
915 1....
710 1....
-
815 1....
± 0.5 %
910 5....
915 5....
710 5....
-
815 5....
± 25 ppm/K
± 1 %
911 1....
916 1....
711 1....
-
816 1....
± 0.5 %
911 5....
916 5....
711 5....
-
816 5....
Jumper
-
910 90001
915 90001
710 90001
-
815 90001
MBE 0414
± 50 ppm/K
± 5 %
920 3....
-
-
825 3....
-
± 1 %
920 1....
-
-
825 1....
-
± 0.5 %
920 5....
-
-
825 5....
-
± 25 ppm/K
± 1 %
921 1....
-
-
826 1....
-
± 0.5 %
921 5....
-
-
826 5....
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com