Electronic Components Datasheet Search
  English  ▼

X  

BSP15 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BSP15
Description  SOT223 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BSP15 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BSP15 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SOT223 PNP SILICON PLANAR
HIGH VOLTAGE TRANSISTOR
ISSUE 3 – FEBRUARY 1996
FEATURES
*High VCEO
* Low saturation voltage
COMPLEMENTARY TYPE: – BSP20
PARTMARKING DETAIL: –
BSP15
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
-200
V
Collector-Emitter Voltage
VCEO
-200
V
Emitter-Base Voltage
VEBO
-5
V
Peak Pulse Current
ICM
-1
A
Continuous Collector Current
IC
-0.5
A
Power Dissipation at Tamb=25°C
Ptot
2W
Operating and Storage Temperature
Range
Tj:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C unless otherwise stated).
PARAMETER
SYMBOL MIN.
MAX.
UNIT
CONDITIONS.
Collector-Base Breakdown
Voltage
V(BR)CBO
-200
V
IC=-100µA
Collector-Emitter
Breakdown Voltage
V(BR)CEO
-200
V
IC=-10mA*
Emitter-Base Breakdown
Voltage
V(BR)EBO
-5
V
IE=-100µA
Collector Cut-Off
Current
ICBO
-1
µ
A
VCB=-175V
Emitter Cut-Off Current
IEBO
-20
µ
A
VEB=-4V
Collector-Emitter Saturation
Voltage
VCE(sat)
- 2.0
-0.5
V
V
IC=-50mA, IB=-5mA*
IC=-30mA, IB=-3mA*
Static Forward Current
Transfer Ratio
hFE
30
150
IC=-50mA, VCE=-10V*
Transition Frequency
fT
15
MHz
IC=-10mA, VCE=-20V*
f = 20MHz
Output Capacitance
Cobo
15
pF
VCB=-10V, f=1MHz
*Measured under pulsed conditions. Pulse width=300µs. Duty cycle ≤2%
For typical characteristics graphs see FMMTA92 datasheet.
BSP15
C
C
E
B
3 - 58


Similar Part No. - BSP15

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BSP15 ZETEX-BSP15 Datasheet
45Kb / 1P
SOT223 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
NXP Semiconductors
BSP152 PHILIPS-BSP152 Datasheet
106Kb / 12P
N-channel enhancement mode vertical D-MOS transistor
April 1995
More results

Similar Description - BSP15

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BFN37 ZETEX-BFN37 Datasheet
46Kb / 1P
SOT223 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
BFN39 ZETEX-BFN39 Datasheet
46Kb / 1P
SOT223 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
BSP15 ZETEX-BSP15 Datasheet
45Kb / 1P
SOT223 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Diodes Incorporated
FZT558 DIODES-FZT558 Datasheet
121Kb / 2P
SOT223 PNP SILICON PLANAR MEDIUM POWER HIGH VOLTAGE TRANSISTOR
DECEMBER 1995
FZT560 DIODES-FZT560 Datasheet
52Kb / 2P
SOT223 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
NOVEMBER 1998
FZT593 DIODES-FZT593 Datasheet
51Kb / 1P
SOT223 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
NOVEMBER 1995
FZT751 DIODES-FZT751 Datasheet
121Kb / 5P
SOT223 PNP SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
Rev. 3 - 2 June 2010
FZT757 DIODES-FZT757 Datasheet
102Kb / 2P
SOT223 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
ISSUE 4 JANUARY 1996
FZT758 DIODES-FZT758 Datasheet
109Kb / 2P
SOT223 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
ISSUE 2 FEBRUARY 1995
FZT758TA DIODES-FZT758TA Datasheet
109Kb / 2P
SOT223 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FEBRUARY 1995
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com