Electronic Components Datasheet Search
  English  ▼

X  

CAT102 Datasheet(PDF) 3 Page - Catalyst Semiconductor

Part # CAT102
Description  Precision, Adjustable Shunt Regulator (600mV Reference)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT102 Datasheet(HTML) 3 Page - Catalyst Semiconductor

  CAT102 Datasheet HTML 1Page - Catalyst Semiconductor CAT102 Datasheet HTML 2Page - Catalyst Semiconductor CAT102 Datasheet HTML 3Page - Catalyst Semiconductor CAT102 Datasheet HTML 4Page - Catalyst Semiconductor CAT102 Datasheet HTML 5Page - Catalyst Semiconductor CAT102 Datasheet HTML 6Page - Catalyst Semiconductor CAT102 Datasheet HTML 7Page - Catalyst Semiconductor CAT102 Datasheet HTML 8Page - Catalyst Semiconductor CAT102 Datasheet HTML 9Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CAT102
3
Doc. No. 4007, Rev. L
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
t
i
n
U
V
N
I
e
g
n
a
R
e
g
a
t
l
o
V
y
l
p
p
u
S2
.
28
1V
I
N
I
t
n
e
r
r
u
C
y
l
p
p
u
S
t
n
e
c
s
e
i
u
QV
T
U
O
V
1
=3
.
05
.
0A
m
V
B
F
d
l
o
h
s
e
r
h
T
B
F
e
g
a
t
l
o
V
e
c
n
e
r
e
f
e
R
T
J
5
2
=C
˚4
9
50
0
66
0
6
V
m
0
4
-C
˚T
<
J
5
0
1
<C
˚8
8
52
1
6
n
o
i
t
a
l
u
g
e
R
e
n
i
LV
N
I
V
o
t
V
2
.
2
=
N
I
V
8
1
=5
.
01
V
m
n
o
i
t
a
l
u
g
e
R
d
a
o
LI
T
U
O
A
m
0
1
o
t
A
m
1
=4
8
V
m
I
B
F
t
n
e
r
r
u
C
t
u
p
n
I
B
F0
0
5
-0
0
5A
n
R
R
S
Pn
o
i
t
c
e
j
e
R
y
l
p
p
u
S
r
e
w
o
P
e
c
n
e
r
e
f
e
Rz
H
k
0
0
3
=
y
c
n
e
u
q
e
r
F5
35
4B
d
A
V
n
i
a
G
p
o
o
L
n
e
p
O
r
e
i
f
il
p
m
A
r
o
r
r
EI
T
U
O
V
,
A
m
2
=
T
U
O
V
1
=0
60
8B
d
W
By
c
n
e
u
q
e
r
F
n
i
a
G
y
t
i
n
UI
T
U
O
V
,
A
m
2
=
T
U
O
V
1
=1
2
z
H
M
V
T
U
O
e
g
a
t
l
o
v
n
o
i
t
a
r
u
t
a
S
t
u
p
t
u
OI
T
U
O
V
,
A
m
0
2
=
B
F
H
G
I
H
=0
0
10
5
2V
m
C
S
N
A
R
Te
c
n
a
t
c
u
d
n
o
c
s
n
a
r
T
t
u
p
t
u
OI
T
U
O
A
m
0
2
o
t
A
m
1
=5
.
2V
m
/
A
m
I
K
A
E
L
t
n
e
r
r
u
C
e
g
a
k
a
e
L
t
u
p
t
u
OV
T
U
O
V
,
V
6
1
=
B
F
0
=0
0
20
0
4A
n
I
)
X
A
M
(
T
U
O
t
n
e
r
r
u
C
t
u
p
t
u
O
m
u
m
i
x
a
MV
T
U
O
V
3
.
0
=0
2A
m
ABSOLUTE MAXIMUM RATINGS
VIN Voltage ........................................................... 20V
OUT Voltage ........................................................ 20V
FB Voltage ........................................................... 20V
VIN, OUT, FB Current ........................................ 50mA
Operating Junction Temperature ..................... 150
°C
Lead Soldering Temperature (10 sec) ............. 260
°C
Storage Temperature Range ........... -65
°C to +150°C
ELECTRICAL CHARACTERISTICS
Electrical characteristics are guaranteed over the full operating temperature range of -40
°C to +85°C with a junction
temperature from -40
°C to +105°C unless otherwise specified. Ambient temperature must be de-rated based upon
power dissipation and package thermal characteristics.1 Unless otherwise stated, test conditions are VIN=3V,
FB=OUT, IOUT=1mA.
These are stress ratings only and functional operation is not
implied. Exposure to absolute maximum ratings for prolongued
time periods may affect device reliability. All voltages are with
respect to ground.
1.
Thermal Characteristics (
ΘJA)
5-lead, SOT-23: 255
°C/W



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com