Electronic Components Datasheet Search
  English  ▼

X  

13BL Datasheet(PDF) 1 Page - Copal Electronics

Part # 13BL
Description  Illuminated Pushbutton Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

13BL Datasheet(HTML) 1 Page - Copal Electronics

  13BL Datasheet HTML 1Page - Copal Electronics 13BL Datasheet HTML 2Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
13BL
Illuminated Pushbutton Switches
RoHS Compliant
■ Part Numbering
■ Precautions
(a)To prevent overcurrent of LED, connect a protective resistance (R) in series.
(b)R: Protective resistance
ES: Supply voltage
VF: Forward voltage of LED
IF: Forward current of LED
■ SpeciÄcation
Rating
Non-switching : 1mA, DC20V Max.or 5mA.DC5V Max.
Break current : Same as Non-switching
Min. rating : 1mA, DC5V
Contact Resistance
200Ω Max.
Dielectric Strength
100MΩ Min.(DC100V)
Insulation Resistance
AC250Vrms 1minute
Operating Force
060/090 : 0.883∼1.57N
110 : 0.981∼1.96N
Stroke
060/090 : 1.3mm,110 : 1.5mm
Operating
Temperature Range
−10℃∼+60℃
Storage
Temperature Range
−25℃∼+70℃
Electrical life
060/090operations : 300,000, 110operations : 500,000
Material/Finish
Key top : Polycarbonate
Housing : Nylon
(Brack)
Contact terminals : Brass/Gold over Nickel plating
LED terminal : Iron/Silver plated
13BL ー 110 ー 0 01 0 ー X
Custom legends and engravings available.
Code
00
01
02
White
Red
Blue
Color
Key Top
LED
Yellow
Red
Green
Code
03
04
05
Green
Orange
Yellow
Color
Key Top
LED
Green
Orange
Green
Key Top Style
Series Code
Code
060
090
110
Style
LED Max Rating
Pb Free
Code
0
30mA
Forward Current
Key Top/LED Color
6㎜ sq.
9㎜ sq.
11㎜ sq.
R
ES
VF
IF
R=
ES−VF
IF
■ Type and LED SpeciÄcation
Part No.
LED Characteristics
Key Top
LED
Max. Rating
(25℃)
Forward Voltage
(VF)
Recommended
Forward Current
Ambient Temperature and
Allowable Forward Current
Reverse Voltage
(VR) Forward Current(IF) Standard
Max
13BL-
※※※-0000-X
White
Yellow
4V
30mA
2.2V
2.8V
20mA
13BL-
※※※-0010-X
Red
Red
2.0V
13BL-
※※※-0020-X
Blue
Green
2.1V
13BL-
※※※-0030-X
Green
Green
25mA
2.1V
13BL-
※※※-0040-X
Orange
Orange
2.2V
13BL-
※※※-0050-X
Yellow
Green
2.1V
(Note 1)※※※ designate Key Top Style ("060" = 6mm sq., "090" = 9mm sq., "110" = 11mm sq.).
(Note 2)The LED Characteristics show those across the LED output terminals.(Across Terminals 3 and 4)
LED Reduction Rate 0.40mA/K
Ambient Temperature (℃)
30mA
-10
25
60
100


Similar Part No. - 13BL

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
13B SWITCH-13B Datasheet
152Kb / 8P
COMMERCIAL PHONE JACKS
logo
Diotec Semiconductor
13B DIOTEC-13B Datasheet
296Kb / 2P
Surface mount Silicon Planar Zener Diodes
logo
SEMTECH ELECTRONICS LTD...
13BC SEMTECH_ELEC-13BC Datasheet
306Kb / 3P
Silicon Epitaxial Planar Zener Diodes
13BCA SEMTECH_ELEC-13BCA Datasheet
306Kb / 3P
Silicon Epitaxial Planar Zener Diodes
13BCB SEMTECH_ELEC-13BCB Datasheet
306Kb / 3P
Silicon Epitaxial Planar Zener Diodes
More results

Similar Description - 13BL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TP1251 ETC2-TP1251 Datasheet
279Kb / 2P
ILLUMINATED PUSHBUTTON SWITCHES
logo
E-SWITCH
LP2 E-SWITCH-LP2 Datasheet
190Kb / 3P
PUSHBUTTON SWITCHES - ILLUMINATED
LP15 E-SWITCH-LP15 Datasheet
174Kb / 2P
PUSHBUTTON SWITCHES - ILLUMINATED
D16 E-SWITCH-D16 Datasheet
721Kb / 7P
PUSHBUTTON SWITCHES - ILLUMINATED
logo
Copal Electronics
LP-SERIES COPAL-LP-SERIES Datasheet
774Kb / 14P
Illuminated Pushbutton Switches
13AL COPAL-13AL Datasheet
441Kb / 2P
Illuminated Pushbutton Switches
15EL COPAL-15EL Datasheet
274Kb / 2P
Illuminated Pushbutton Switches
15GL COPAL-15GL Datasheet
488Kb / 2P
Illuminated Pushbutton Switches
CFPB COPAL-CFPB Datasheet
479Kb / 3P
Illuminated Pushbutton Switches
LP_SERIES COPAL-LP_SERIES Datasheet
774Kb / 14P
Illuminated Pushbutton Switches
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com